Electronic Components Datasheet Search
  English  ▼

X  

SR280 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # SR280
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SR280 Datasheet(HTML) 1 Page - Continental Device India Limited

  SR280 Datasheet HTML 1Page - Continental Device India Limited SR280 Datasheet HTML 2Page - Continental Device India Limited SR280 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIERS
SR220 - SR2100
DO-15
Axial Lead Plastic
Package
For use in Low Voltage, High Frequency Inverters, Free Wheeling Diodes and Polarity Protection Applications
Maximum RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25ºC Ambient Temperature unless specified otherwise. Single Phase, half wave 60HZ, Resistive or
Inductive Load. For Capacitive Load, Derate by 20%)
SYMBOL SR220 SR230 SR240
SR250 SR260 SR280 SR2100 UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
I(AV)
A
single half sine-wave superimposed on
VF
V
Maximum DC Reverse Current
Ta=25
oC
mA
at Rated DC Blocking Voltage
Ta=100
oC
mA
Junction Capacitance
*CJ
pF
Thermal Resistance Junction to Ambient
**Rth (j-a)
ºC/W
Tj
ºC
Tstg
ºC
SR220_2100Rev_1 100606E
Average Forward Rectified Current
0.375"(9.5mm) Lead Length
DESCRIPTION
Maximum RMS Voltage
TYP45
Storage Temperature Range
- 55 to +150
Peak Forward Surge Current 8.3ms
- 55 to +125
IFSM
rated load
Maximum Instantaneous Forward Voltage
at IF=2.0A
IR
2.0
50.0
A
0.55
0.7
0.85
TYP180
0.5
20
- 55 to +150
** Thermal Resistance from Junction to Ambient "0.375" (9.5mm) Lead PCB Mounted
Operating Junction Temperature Range
*Measured at 1MHz and Applied Reverse Voltage 0f 4V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - SR280

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR280 JGD-SR280 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR280 BYTES-SR280 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR280 DCCOM-SR280 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR280 FORMOSA-SR280 Datasheet
33Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR280 WTE-SR280 Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR280

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com