Electronic Components Datasheet Search
  English  ▼

X  

SR180 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # SR180
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SR180 Datasheet(HTML) 2 Page - Continental Device India Limited

  SR180 Datasheet HTML 1Page - Continental Device India Limited SR180 Datasheet HTML 2Page - Continental Device India Limited SR180 Datasheet HTML 3Page - Continental Device India Limited SR180 Datasheet HTML 4Page - Continental Device India Limited SR180 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SR120 to SR1100
DO-41P
Axial Lead Plastic
Package
52mm - DO-41P Package
26mm - DO-41P Package
DIM
Min Max
DIM
Min
Max
A
25.40
A
14.60
B
4.20
5.20
B
4.10
5.20
C
0.70
0.90
C
0.71
0.86
D
2.00
2.70
D
2.00
2.70
All Dimensions are in mm
All Dimensions are in mm
SR120_1100 Rev110607E
DO-41P Axial Lead Plastic Package
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com