Electronic Components Datasheet Search
  English  ▼

X  

S110 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # S110
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

S110 Datasheet(HTML) 1 Page - Continental Device India Limited

  S110 Datasheet HTML 1Page - Continental Device India Limited S110 Datasheet HTML 2Page - Continental Device India Limited S110 Datasheet HTML 3Page - Continental Device India Limited S110 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK12 - S110
DO-214AA (SMB)
Surface Mount Package
Polarity : Colour band denotes cathode end
For Use in Low Voltage High Frequency Inverters, Free Wheeling and Polarity Protection Applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25ºC ambient temperature unless specified otherwise. Single phase, half wave Resistive or
Inductive Load. ccc
SYMBOL SK12 SK13 SK14 SK15 SK16 SK18 SK19 S110
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
VRMS
14
21
28
35
42
56
64
71
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
V
I(AV)
A
single half sine-wave superimposed on
*VF
V
Maximum DC Reverse Current Ta=25
oC
mA
at Rated DC Blocking Voltage
Ta=100
oC
mA
Thermal Resistance Junction to Ambient
**Rth (j-a)
ºC/W
Thermal Resistance Junction to Lead
**Rth (J-L)
ºC/W
Tj
ºC
Tstg
ºC
* Pulse Width=300
µµs, 1% Duty Cycle.
** Mounted on PCB with 0.2" x 0.2" (5.0 x 5.0 mm) Copper Pad Area
SK12_S110Rev290405E
A
IFSM
Operating Junction Temperature Range
Storage Temperature Range
0.5
20
TYP90
TYP35
- 55 to +150
*IR
DESCRIPTION
Peak Forward Surge Current 8.3ms
Maximum Instantaneous Forward Voltage at
IF=1.0A
rated load
Maximum Average Forward Rectified Current
0.375"(9.5mm) Lead Length at TL=75
oC
Maximum RMS Voltage
1.0
30
0.50
- 55 to +125
0.85
0.70
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - S110

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S110 SSOUSA-S110 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Won-Top Electronics
S110 WTE-S110 Datasheet
45Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
S110 PANJIT-S110 Datasheet
54Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
S110 LUGUANG-S110 Datasheet
190Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
S110 YANGJIE-S110 Datasheet
105Kb / 2P
Schottky Rectifier
More results

Similar Description - S110

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com