Electronic Components Datasheet Search
  English  ▼

X  

LAW005F Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # LAW005F
Description  LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LAW005F Datasheet(HTML) 4 Page - Lineage Power Corporation

  LAW005F Datasheet HTML 1Page - Lineage Power Corporation LAW005F Datasheet HTML 2Page - Lineage Power Corporation LAW005F Datasheet HTML 3Page - Lineage Power Corporation LAW005F Datasheet HTML 4Page - Lineage Power Corporation LAW005F Datasheet HTML 5Page - Lineage Power Corporation LAW005F Datasheet HTML 6Page - Lineage Power Corporation LAW005F Datasheet HTML 7Page - Lineage Power Corporation LAW005F Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Lineage Power
LAW005-Series Power Modules; dc-dc Converters:
Data Sheet
36 Vdc to 75 Vdc Input; 5 W
April 2008
Table 5. Feature Specifications
Efficiency
(VI, nom; IO = IO, max; TA = 25 °C; see Figure 3.)
LAW005F
LAW005A
LAW005B
LAW005C
LAW005BK
LAW005CL
η
η
η
η
η
η
71
74
77
78
77
78
73
78
80
82
80
80
—
—
—
—
—
—
%
%
%
%
%
%
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = VI, nom, TA = 25 °C):
Load Change from IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
Load Change from IO = 50% to 25% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
All
All
All
All
—
—
—
—
—
—
—
—
1
0.15
1
0.15
—
—
—
—
%VO, set
ms
%VO, set
ms
Table 3. Isolation Specifications
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
1000
—
pF
Isolation Resistance
100
—
—
M¾
Table 4. General Specifications
Parameter
Min
Typ
Max
Unit
Weight
—
18 (0.64)
20 (0.71)
g (oz.)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Overvoltage Protection (clamp)
LAW005F
VO,CLAMP
4.0
4.3
4.6
V
Output Overvoltage Protection (clamp)
LAW005A
VO,CLAMP
6.4
6.8
7.2
V
Output Overvoltage Protection (clamp)
LAW005B
VO,CLAMP
13.8
15
15.6
V
Output Overvoltage Protection (clamp)
LAW005C
VO,CLAMP
16.8
18
19.1
V
Output Overvoltage Protection (clamp)
LAW005BK
VO,CLAMP
———
V
Output Overvoltage Protection (clamp)
LAW005CL
VO,CLAMP
———
V
Table 2. Output Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Electrical Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com