Electronic Components Datasheet Search
  English  ▼

X  

RC5025 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC5025
Description  Low tolerance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC5025 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC5025 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC5025 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
11
±100ppm
±250ppm
1
Ω~10MΩ
-55
℃~+125℃
-55
℃~+155℃
-55
℃~+125℃
70
℃
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
1/20
1/16
1/10
1/8
1/4
1/3
2/3
1
Power
Rating
(W)
25(V)
50(V)
150(V)
200(V)
Working
Voltage
(MAX)
50(V)
100(V)
300(V)
400(V)
Overload
Voltage
(MAX)
TCR (ppm/℃)
Resistance Range (Ω)
F(
±1%)
E-96, E-24
Rated
Ambient
Temperature
Rated
Working
Temperature
•Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
√Rated power(W)×Normal resistance value (R)
- Left 2 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 103
Left 2 digits: 10
Last 1 digit: 3
103 = 10
×103Ω
= 10000
Ω=10kΩ
•0603, 1005 type: No marking. •0603, 1005, 1608 type:
No marking.
•3 digits indication
(E-24 series)
- Left 3 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 1002
Left 3 digits: 100
Last 1 digit: 2
1002 = 100
×102Ω
= 10000
Ω=10kΩ
•4 digits indication
(E-96 series)
1
10
03
3
1
10
00
02
2
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Ambient Temperature(
℃)
70
125
Operation area
<1608, 2012, 3216>
<1005, 3225, 5025, 6432>
-55
-30
0
30
60
90
120
150
70
155
100
80
60
40
20
0
Specification
The rated power is the maximum continuous loading power at 70
℃ ambient temperature.
For ambient temperature above 70
℃, the loading power follows the below power derating curve.
Power Derating Curve
Marking
IEC Code System (E-96, E-24)
100
102
105
107
110
113
115
118
121
124
127
130
133
137
140
143
147
150
154
158
162
165
169
174
10
11
12
13
15
16
E-96
E-24
178
182
187
191
196
200
205
210
215
221
226
232
237
243
249
255
261
267
274
280
287
294
301
309
18
20
22
24
27
30
E-96
E-24
316
324
332
340
348
357
365
374
383
392
402
412
422
432
442
453
464
475
487
499
511
523
536
549
33
36
39
43
47
51
E-96
E-24
562
576
590
604
619
634
649
665
681
698
715
732
750
768
787
806
825
845
866
887
909
931
953
976
56
62
68
75
82
91
E-96
E-24
Operation
Notes
Example of Land
Pattern Design
Recommended
Soldering Conditions
General
Purpose
Precision
Low Ohms
Array
Standard
Resistance Value
Packaging
Characteristics
Performance
Attenuator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com