Electronic Components Datasheet Search
  English  ▼

X  

PTF10122 Datasheet(PDF) 2 Page - Ericsson

Part # PTF10122
Description  50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10122 Datasheet(HTML) 2 Page - Ericsson

  PTF10122 Datasheet HTML 1Page - Ericsson PTF10122 Datasheet HTML 2Page - Ericsson PTF10122 Datasheet HTML 3Page - Ericsson PTF10122 Datasheet HTML 4Page - Ericsson PTF10122 Datasheet HTML 5Page - Ericsson PTF10122 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PTF 10122
2
e
Electrical Characteristics (100% Tested)
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 100 mA
V(BR)DSS
65
—
—
Volts
Zero Gate Voltage Drain Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
2.0
mA
Gate Threshold Voltage
VDS = 10 V, ID = 150 mA
VGS(th)
3.0
—
5.0
Volts
Forward Transconductance
VDS = 10 V, ID = 2 A
gfs
—
4.0
—
Siemens
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
Vdc
Gate-Source Voltage
VGS
±20
Vdc
Operating Junction Temperature
TJ
200
°C
Total Device Dissipation
PD
237
Watts
Above 25°C derate by
1.35
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C)
RqJC
0.74
°C/W
Typical Performance
7
8
9
10
11
12
2000
2100
2200
2300
Frequency (MHz)
20
30
40
50
60
70
VDD = 28 V
IDQ = 600 mA
Typical POUT, Gain & Efficiency (at P-1dB)
vs. Frequency
Output Power (W)
Efficiency (%)
Gain (dB)
Broadband Test Fixture Performance
6
7
8
9
10
11
12
13
14
2100
2125
2150
2175
2200
Frequency (MHz)
0
10
20
30
40
50
VDD = 28 V
IDQ = 600 mA
POUT = 15 W
Gain
Return Loss
Efficiency @ P-1dB
0
- 5
-10
-15
-20
-25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com