Electronic Components Datasheet Search
  English  ▼

X  

CLA05D-050A-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # CLA05D-050A-R
Description  5W Car Charging Adapter for Portable Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

CLA05D-050A-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  CLA05D-050A-R Datasheet HTML 1Page - Phihong USA Inc. CLA05D-050A-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 11/21/2011
WWW.PHIHONG.COM
5W Car Charging Adapter for Portable Electronics
CLA05D is Compliant with US and EU Vehicle Standards
Features
 High Efficiency
 Robust Design
 Compliant with EU Vehicle Standards
 Battery Charging
Applications
 Portable Electronics
 Mobile Phones
Safety Approvals
 CE
 cUL/UL
 C-Tick
 E-mark
Mechanical Characteristics
 Length: 85.28mm (3.36in)
 Diameter (at tip): 19.3mm (0.76in)
 Diameter (at cord): 30.48mm (1.2in)
 Weight: 81.7g (2.88oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output Voltage
Load
Ripple
Min.
Max.
P-P (max.)
CLA05D-050A-R
5.0V
0A
1.0A
100mVp-p


Similar Part No. - CLA05D-050A-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
CLA05D-050A PHIHONG-CLA05D-050A Datasheet
122Kb / 2P
5W Automobile Charger
More results

Similar Description - CLA05D-050A-R

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX3225SC NDK-NX3225SC Datasheet
99Kb / 1P
Crystal Units For Car Electronics
NX5032SD NDK-NX5032SD Datasheet
84Kb / 1P
Crystal Units For Car Electronics
NX8045GD NDK-NX8045GD Datasheet
83Kb / 1P
Crystal Units For Car Electronics
NX1255GB NDK-NX1255GB_1 Datasheet
83Kb / 1P
Crystal Units For Car Electronics
AT-51CD NDK-AT-51CD Datasheet
102Kb / 1P
Crystal Units For Car Electronics
logo
Phihong USA Inc.
CLM10D-050-R PHIHONG-CLM10D-050-R Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
CLM10D-050 PHIHONG-CLM10D-050_14 Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
CLM10D-203M PHIHONG-CLM10D-203M Datasheet
161Kb / 2P
Dual Output Car Charging Adapter for Portable Electronics
logo
Analog Microelectronics
AME8502 AME-AME8502 Datasheet
600Kb / 20P
Portable Electronics
AME8504 AME-AME8504 Datasheet
363Kb / 17P
Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com