Electronic Components Datasheet Search
  English  ▼

X  

S20LC40UT Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S20LC40UT
Description  Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S20LC40UT Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S20LC40UT Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S20LC40UT Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S20LC40UT Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S20LC40UT Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(J533-P〈2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
40
35
0
20
25
30
15
10
5
順方向特性
Forward Voltage
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
200
150
100
50
0
300
250
200
150
100
50
0
1
100
10
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
1
10
5
2
tp
Sine wave
Non-repetitive
Tj=25℃
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
接合容量
Junction Capacitance
0
15
20
5
10
25
30
35
過渡熱抵抗
Transient Thermal Impedance
10
0.01
0.1
5
2
1
0.5
0.2
0.05
0.02
Tj=150℃
D=tp/T
T
tp
0
IO
Pulse measurement
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
0
20
40
60
80 100
160
140
120
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
D=tp/T
VR=VRM
T
tp
0
0
IO
VR
0
5
10
20
25
30
35
15
θ
θjcjc
θjc
10
100
500
50
200
20
1
400
200
100
1050
5
20
2
0.0001 0.001
0.01
0.1
1
10
0.
1
50
10
1
20
5
0.5
2
0.2
0
0.
5
2
1.
5
1
f=1MHz
Tc=25℃
TYP
Per diode
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Pulse Width tp〔ms〕
Reverse Voltage VR〔V〕
Case Temperature Tc 〔℃〕
Time t〔s〕
Pulse measurement
Per diode
S20LC40UT
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com