Electronic Components Datasheet Search
  English  ▼

X  

ST02-82F1 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # ST02-82F1
Description  Single Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST02-82F1 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST02-82F1 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST02-82F1 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST02-82F1 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST02-82F1 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(U180-p〈2014.01〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
せん頭サージ逆電流−クランピング電圧
Peak Surge Reverse Current IRSM
vs Clamping Voltage VCL
60
70
80
90
120
100
110
0.1
10
1
0.01
0.001
Clamping Voltage VCL〔V〕
Tl=25℃
10/1000μs
TYP
−50 −25 0
25 50 75 100 125 150
VBR-Tj特性
Breakdown Voltage vs Junction Temperature
80
95
90
85
75
100
70
Junction Temperature Tj〔℃〕
TYP
Pulse test
IB=1mA
0
25
75
50
100
125
150
IR-Tj特性
Reverse Current vs Junction Temperature
1
100
1000
10
0.1
Junction Temperature Tj〔℃〕
TYP
Pulse test
VR=67V
せん頭サージ逆電流耐量
Peak Surge Reverse Current
0.01
0.1
10
1
0.1
TYP
exponential wave
10
100
1
Pulse Width tp〔ms〕
IRSM
IRSM/2
tp
0
TYP
Tl=25℃
OSC=20mV
VR=67V
10
50
5
接合容量
Junction Capacitance
11000
100
10
Frequency f〔kHz〕
TYP
Tl=25℃
OSC=20mV
f =1000kHz
10
10
接合容量
Junction Capacitance
0.1
70
10
1
Reverse Voltage VR〔V〕
過渡熱抵抗
Transient Thermal Impedance
10
100
0.001
0.01
1
0.1
10-6 10-5 10-4
10-2
10-3
10-1 100 101
103
102
Time t〔s〕
θj
θjll
θjl
θja
θja
θja
On glass-epoxy substrate : t=1mm
soldering land :2.0×2.0(mm)
Cu layar :35μm
Tl-sensing point
ST02-82F1
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
Title:新電元 _diode2014-02.ec9 Page:15
Date: 2014/01/30 Thu 16:49:49



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com