Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-38 Datasheet(PDF) 11 Page - Alpha Wire

Part # PVC-105-38
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-38 Datasheet(HTML) 11 Page - Alpha Wire

Back Button PVC-105-38 Datasheet HTML 7Page - Alpha Wire PVC-105-38 Datasheet HTML 8Page - Alpha Wire PVC-105-38 Datasheet HTML 9Page - Alpha Wire PVC-105-38 Datasheet HTML 10Page - Alpha Wire PVC-105-38 Datasheet HTML 11Page - Alpha Wire PVC-105-38 Datasheet HTML 12Page - Alpha Wire PVC-105-38 Datasheet HTML 13Page - Alpha Wire PVC-105-38 Datasheet HTML 14Page - Alpha Wire PVC-105-38 Datasheet HTML 15Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
491
FIT > FIT Wire Management > Liquid-Tight Nylon Connectors
FIT® Wire Management
Liquid-Tight Nylon Connectors
SLC or RLC
Operating Temperature
• +125°C
Color
• Black
Materials
• Nylon connector
• Supplied with o-ring and steel
locking nut
Properties
• Resists salt water, weak acids,
gasoline, alcohol, oil, grease,
and common solvents
• Flammability rating: UL 94V-2
Availability
10-piece packages
100-piece packages
Part No.
Trade Size
Thread Size
Straight
90°
SLC-1/4*
—
1/4
—
SLC-3/8
RLC-3/8
3/8
1/2 NPT
SLC-1/2
RLC-1/2
1/2
1/2 NPT
SLC-3/4
RLC-3/4
3/4
3/4 NPT
SLC-1
RLC-1
1
1 NPT
*Snap-on connector, not CSA certified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com