Electronic Components Datasheet Search
  English  ▼

X  

EL7301 Datasheet(PDF) 2 Page - Etron Technology, Inc.

Part # EL7301
Description  single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EL7301 Datasheet(HTML) 2 Page - Etron Technology, Inc.

  EL7301 Datasheet HTML 1Page - Etron Technology, Inc. EL7301 Datasheet HTML 2Page - Etron Technology, Inc. EL7301 Datasheet HTML 3Page - Etron Technology, Inc. EL7301 Datasheet HTML 4Page - Etron Technology, Inc. EL7301 Datasheet HTML 5Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EL7301
Introduction
Figure : EL7301 system block diagram application in dual interface
The EL7301 captures input RGB graphics signals directly through the use of the internal PLLs. Such
signals will then be converted to 8-bit digital data per channel. The output frequencies range is up to
the resolution of SXGA with very small jitter (typically equal to 800ps). Such advantage surely
provides high degree of flexibility and display quality for users while setting different level of
resolution
Etron's EL7301 is the key graphics processing IC that enable liquid Crystal Display (LCD) monitor at
SVGA, XGA and SXGA TFT-LCD resolution. This single chip solution included a triple-channel ADC,
two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
scaling engine. The digital or video input can also be supported via analog/digital input ports that
implemented in EL7301.
1
Video
Decoder
VD[23:0]
NTSC/PAL/
SECAM
R/G/B
H-sync/V-sync
Triple
ADC
PLL
PLL
PD[47:0]
PHS/PVS/PDE
PCLK0
PCLK1
MPU
Optional
External
OSD
AD[7:0]
Controls
CS
R/G/B
25 MHz
X'tal
X'tal_I
De-
interlacer
EL7301
Core
TFT
Panel
Host
I/F
OSD
SoG
Processor
DVS/DHS
DDE/DCLK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com