Electronic Components Datasheet Search
  English  ▼

X  

SL28EB719 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SL28EB719
Description  Timing Selector Guide
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB719 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SL28EB719 Datasheet HTML 9Page - Silicon Laboratories SL28EB719 Datasheet HTML 10Page - Silicon Laboratories SL28EB719 Datasheet HTML 11Page - Silicon Laboratories SL28EB719 Datasheet HTML 12Page - Silicon Laboratories SL28EB719 Datasheet HTML 13Page - Silicon Laboratories SL28EB719 Datasheet HTML 14Page - Silicon Laboratories SL28EB719 Datasheet HTML 15Page - Silicon Laboratories SL28EB719 Datasheet HTML 16Page - Silicon Laboratories SL28EB719 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CLOCK A ND OSCILL ATOR SELEC TOR /
13
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY
(MHz)
PHASE
JITTER
(RMS)
VDD
VDDO
OUTPUT
PACKAGE
Si53102
—
1/2
100 MHz
100 MHz
0.5 ps
2.5, 3.3 V
—
HSCL
TDFN8
Si53154
Pin/I2C
1/4
100 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN24
Si53156
Pin/I2C
1/6
100 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN32
Si53159
Pin/I2C
1/9
100 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN48
CY28400-2
Pin/I2C
1/4
100 MHz
100 MHz
—
3.3 V
3.3 V
HCSL
SSOP28/TSSOP28
CY28800
Pin/I2C
1/8
100 MHz
100 MHz
—
3.3 V
3.3 V
HCSL
SSOP48
PCIe CLOCK FEATURES
• Full portfolio of PCI Express (PCIe) Gen 1/2/3 clocks
and buffers
• All products utilize push-pull HCSL output buffers
• Fully integrated termination resistors on
PCIe outputs
• Low power consumption
• Programmable spread spectrum
• Available hardware strapping pin for spread enable
• I2C/SMBus programmable
• Also supports LVPECL, LVDS, or CML levels
• Industrial temperature grade
• Individual output enable control
• Small form factor QFN packaging
Silicon Labs offers the lowest power, highest performance PCI-Express clock generators in the market. All devices in the
portfolio feature low power push-pull output buffer technology, providing benefits of low power consumption, reduced
external terminating resistors and smaller packaging. To optimize performance, the devices support programmable drive
strength, rise/fall times and output impedance. Basic HCSL PCIe and high-performance differential clocks and buffers are
available. Support for down spread spectrum clock generation is also provided.
PCI Express Clock Buffers (PCIe)
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Flash Controller
Flash Controller
Nana Flash
Nana Flash
NAND Flash
NAND Flash
ASIC
ASIC
Flash Controller
Flash Controller
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Nana Flash
NAND Flash
NAND Flash
100 MHz HCSL
100 MHz HCSL
100 MHz HCSL
100 MHz HCSL
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Flash Controller
Flash Controller
Nana Flash
Nana Flash
NAND Flash
NAND Flash
100 MHz HCSL
Si53154
Clock
Generator
Si53154
Clock
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com