Electronic Components Datasheet Search
  English  ▼

X  

SB120 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # SB120
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SB120 Datasheet(HTML) 1 Page - Continental Device India Limited

  SB120 Datasheet HTML 1Page - Continental Device India Limited SB120 Datasheet HTML 2Page - Continental Device India Limited SB120 Datasheet HTML 3Page - Continental Device India Limited SB120 Datasheet HTML 4Page - Continental Device India Limited SB120 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIERS
SB120 - SB1A0
DO-41P
Axial Lead Plastic
Package
For use in Low Voltage, High Frequency Inverters, Free Wheeling Diodes and Polarity Protection Applications
Maximum RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating @ 25ºC Ambient Temperature unless specified otherwise. Single Phase, half wave Resistive or
Inductive Load. For Capacitive Load, Derate by 20%)
SYMBOL SB120
SB130 SB140 SB150 SB160 SB180 SB1A0 UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
VRMS
14
21
28
35
42
57
71
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
I(AV)
A
single half sine-wave superimposed on
*VF
0.75
0.83
V
Maximum DC Reverse Current
Ta=25
oC
mA
@ Rated DC Blocking Voltage
Ta=100
oC
mA
Junction Capacitance
***Cj
pF
Thermal Resistance Junction to Ambient
**Rth (j-a)
ºC/W
Thermal Resistance Junction to Lead
**Rth (J-L)
ºC/W
Tj
ºC
Tstg
ºC
* Pulse Width=300
µµs, 1% Duty Cycle.
SB120_SB1A01Rev200105E
DESCRIPTION
Maximum RMS Voltage
Peak Forward Surge Current 8.3ms
rated load
Maximum Forward Voltage @ IF=1.0A
*IR
Average Forward Rectified Current
0.375"(9.5mm) Lead Length @ TL=75
oC
A
0.55
0.7
IFSM
0.5
10
1.0
40
TYP110
TYP50
TYP15
-65 to +125
-65 to +150
** Thermal Resistance (from Junction to Ambient) Vertical P.C.B. Mounted with 1.5 x 1.5" (38 x 38mm) Copper
Pads
***Measured @ 1MHz and Reverse Voltage 0f 4V
Operating Junction Temperature Range
Storage Temperature Range
- 65 to +150
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB120 ZOWIE-SB120 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB120 SSE-SB120 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com