Electronic Components Datasheet Search
  English  ▼

X  

PN2222 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # PN2222
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

PN2222 Datasheet(HTML) 1 Page - Continental Device India Limited

  PN2222 Datasheet HTML 1Page - Continental Device India Limited PN2222 Datasheet HTML 2Page - Continental Device India Limited PN2222 Datasheet HTML 3Page - Continental Device India Limited PN2222 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR SWITCHING TRANSISTORS
PN2222
PN2222A
CBE
TO-92
Complementary Silicon Transistors For Switching And Linear Applications
DC Amplifier & Driver For Industrial Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
2222
2222A
UNIT
Collector -Emitter Voltage
VCEO
30
40
V
Collector -Base Voltage
VCBO
60
75
V
Emitter -Base Voltage
VEBO
5.0
6.0
V
Collector Current Continuous
IC
mA
Power Dissipation @Ta=25 degC
PD
mW
Derate Above 25deg C
mW/deg C
@ Tc=25 degC
PD
W
Derate Above 25deg C
mW/deg C
Operating And Storage Junction
Tj, Tstg
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
deg C/W
Junction to Ambient
Rth(j-a)
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
2222
2222A
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
>30
>40
V
Collector -Base Voltage
VCBO
IC=10uA.IE=0
>60
>75
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
>5.0
>6.0
V
Collector-Cut off Current
ICBO
VCB=50V, IE=0
<10
-
nA
VCB=60V, IE=0
-
<10
nA
Ta=150 deg C
VCB=50V, IE=0
<10
-
uA
VCB=60V, IE=0
-
<10
uA
ICEX
VCE=60V, VBE=3V
-
<10
nA
ICEO
VCE=10V, IB=0
<10
<10
nA
Emitter-Cut off Current
IEBO
VEB=3V, IC=0
-
<10
nA
Base-Cut off Current
IBEX
VCE=60V, VBE=3V
-
<20
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=150mA,IB=15mA
<0.4
<0.3
V
IC=500mA,IB=50mA
<1.6
<1.0
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=150mA,IB=15mA
<1.3
0.6-1.2
V
IC=500mA,IB=50mA
<2.6
<2.0
V
600
625
5
1.5
12
-55 to +150
83.3
200
Continental Device India Limited
Data Sheet
Page 1 of 4
E B
C
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - PN2222

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2222 FAIRCHILD-PN2222 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Micro Electronics
PN2222 MICRO-ELECTRONICS-PN2222 Datasheet
301Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
PN2222 FAIRCHILD-PN2222 Datasheet
25Kb / 3P
General Purpose Transistor
logo
Central Semiconductor C...
PN2222 CENTRAL-PN2222 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
AUK corp
PN2222 AUK-PN2222 Datasheet
65Kb / 3P
NPN Silicon Transistor
More results

Similar Description - PN2222

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2904A BOCA-2N2904A Datasheet
43Kb / 2P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
P2N2222 TEL-P2N2222 Datasheet
86Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
PN2222 TEL-PN2222 Datasheet
87Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2221A NJSEMI-2N2221A Datasheet
227Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2221A CDIL-2N2221A Datasheet
228Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2221 CDIL-2N2221 Datasheet
273Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2218A CDIL-2N2218A Datasheet
213Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com