Electronic Components Datasheet Search
  English  ▼

X  

P2N2222 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # P2N2222
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

P2N2222 Datasheet(HTML) 2 Page - Continental Device India Limited

  P2N2222 Datasheet HTML 1Page - Continental Device India Limited P2N2222 Datasheet HTML 2Page - Continental Device India Limited P2N2222 Datasheet HTML 3Page - Continental Device India Limited P2N2222 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
P2N2222, P2N2222A
DESCRIPTION
SYMBOL
TEST CONDITION
2222
2222A
UNIT
DC Current Gain
hFE
IC=0.1mA,VCE=10V
>35
>35
IC=1mA,VCE=10V
>50
>50
IC=10mA,VCE=10V
>75
>75
IC=10mA,VCE=10V
-
>35
Ta=55 deg C
IC=150mA,VCE=10V
100-300
100-300
IC=150mA,VCE=1V
>50
>50
IC=500mA,VCE=10V
>30
>40
DYNAMIC CHARACTERISTICS
ALL f=1kHz
Small Signal Current Gain
hfe
IC=1mA, VCE=10V
-
50-300
IC=10mA, VCE=10V
-
75-375
Input Inpedence
hie
IC=1mA, VCE=10V
-
2.0-8.0
kohms
IC=10mA, VCE=10V
-
0.25-1.25
Voltage Feedback Ratio
hre
IC=1mA, VCE=10V
-
8.0 x 10-4
IC=10mA, VCE=10V
-
4.0
Out put Adimttance
hoe
IC=1mA, VCE=10V
-
5.0-35
umhos
IC=10mA, VCE=10V
25-200
Collector Base Time Constant
rb'Cc
IE=20mA, VCB=20V
-
<150
ps
f=31.8MHz
Noise Figure
NF
IC=100uA, VCE=10V
-
<4.0
dB
Rs=1kohms, f=1kHz
DYNAMIC CHARACTERISTICS
Transistors Frequency
ft
IC=20mA, VCE=20V
>250
>300
MHz
f=100MHz
Out-Put Capacitance
Cob
VCB=10V, IE=0
<8.0
<8.0
pF
f=1MHz
Input Capacitance
Cib
VEB=0.5V, IC=0
<30
<25
pF
f=1MHz
SWITCHING Time
Delay time
td
IC=150mA,IB1=15mA
<10
ns
Rise time
tr
VCC=30V,VBE=0.5V
-
<25
ns
Storage time
ts
IC=150mA, IB1=
<225
ns
Fall time
tf
IB2=15mA, VCC=30V
-
<60
ns
*Pulse Condition: Length =300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com