Electronic Components Datasheet Search
  English  ▼

X  

MR850 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MR850
Description  SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MR850 Datasheet(HTML) 1 Page - Continental Device India Limited

  MR850 Datasheet HTML 1Page - Continental Device India Limited MR850 Datasheet HTML 2Page - Continental Device India Limited MR850 Datasheet HTML 3Page - Continental Device India Limited MR850 Datasheet HTML 4Page - Continental Device India Limited MR850 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIERS
MR850 - MR856
DO-201AD
Axial Lead Plastic
Package
Maximum Ratings (Ratings at Ta = 25
oC ambient temperature unless specified oterwise.
Resistive or inductive load, 60Hz)
DESCRIPTION
SYMBOL
MR856
UNIT
VRRM
600
V
VRMS
420
V
DC Blocking Voltage
VDC
600
V
I (AV)
A
IFSM
A
IFRM
A
VF
V
IR
µA
µA
Reverse Recovery Time (Note 2)
TRR
ns
Cj
pF
Rth (j-a)
ºC/W
Tj
ºC
Tstg
ºC
Notes 1. Repetitive Peak Forward Surge Current @ f <15KHz
2. Reverse Recovery Test Conditions : IF = 0.5A, IR = 1.0A, IRR = 0.25A
3. Measured @ 1MHz and Applied Reverse Voltage 0f 4.0 V
4. Thermal Resistance from Junction to ambient and from junction to Lead Length "0.375" (9.5mm) P.C.B.
mounted
MR850_856Rev110105E
- 55 to +125
1.0
1.25
10
500
150
60
Typical Junction Capacitance (Note 3)
Operating Junction Temperature
RMS Voltage
Repetitive Peak Forward surge (Note 1)
Forward Voltage @ 3.0A
Dc Reverse Current @ Ta=25ºC
Repetitive Peak Reverse Voltage
Average Forward Current
0.375" (9.5mm) Lead Length @ Ta=50ºC
Peak Forward Surge Current 10ms Single Half
Sine-Wave Superimposed on Rated Load
3.0
100
Typical Thermal Resistance Junction to Ambient
(Note 4)
15
Storage Temperature Range
Rated DC Blocking Voltage @ Ta=100ºC
35
50
100
70
MR850
MR851
MR852
MR854
400
280
400
100
200
140
200
- 55 to +150
50
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MR850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR850 MOTOROLA-MR850 Datasheet
45Kb / 2P
FAST RECOVERY POWER RECTIFIERS 50.600 VOLTS 3.0 AMPERES
logo
Pan Jit International I...
MR850 PANJIT-MR850 Datasheet
53Kb / 2P
SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
MR850 TRSYS-MR850 Datasheet
134Kb / 2P
SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
MR850 JGD-MR850 Datasheet
138Kb / 2P
3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
MR850 BYTES-MR850 Datasheet
153Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - MR850

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
BY550-50 TAYCHIPST-BY550-50 Datasheet
1Mb / 2P
SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
BY500-100 TAYCHIPST-BY500-100 Datasheet
1Mb / 2P
SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
Soft Recovery Fast Switching Plastic Rectifier
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
24-Jul-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com