Electronic Components Datasheet Search
  English  ▼

X  

MPSL51 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPSL51
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSL51 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPSL51 Datasheet HTML 1Page - Continental Device India Limited MPSL51 Datasheet HTML 2Page - Continental Device India Limited MPSL51 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
MPSL51
TO-92
CBE
Amplifier Transistor.
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
100
V
Collector -Emitter Voltage
VCEO
100
V
Emitter -Base Voltage
VEBO
4.0
V
Collector Current Continuous
IC
600
mA
Power Dissipation @Ta=25 degC
PD
625
mW
Derate Above 25 deg C
5.0
mw/deg C
Power Dissipation @Tc=25 degC
PD
1.5
W
Derate Above 25 deg C
12
mw/deg C
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
83.3
deg C/W
Junction to Ambient
Rth(j-a)
200
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO*
IC=1mA,IB=0
100
-
-
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
100
-
-
V
Emitter -Base Voltage
VEBO
IE=10uA, IC=-0
4.0
-
-
V
Collector-Cut off Current
ICBO
VCB=50V, IE=0
-
-
1.0
uA
Emitter-Cut off Current
IEBO
VEB=3V, IC=0
-
-
100
nA
DC Current Gain
hFE*
IC=50mA,VCE=5V
40
-
250
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
MPSL51
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=1mA
-
-
0.25
V
IC=50mA,IB=5mA*
-
-
0.3
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=10mA,IB=1mA
-
-
1.2
V
IC=50mA,IB=5mA*
-
-
1.2
V
Dynamic Characteristics
Small Signal Current Gain
hfe
IC=1mA, VCE=10V
20
-
-
f=1kHz
Transition Frequency
ft*
VCE=10V,IC=10mA,
60
-
-
MHz
f=100MHz
output Capacitance
Cobo
VCB=10V, IE=0
-
-
8.0
pF
f=1MHz
*Pulse Test: Pulse Width=300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
E B
C
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPSL51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSL51 MOTOROLA-MPSL51 Datasheet
187Kb / 6P
Amplifier Transistor
logo
ON Semiconductor
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
Amplifier Transistor(PNP Silicon)
1996
logo
Fairchild Semiconductor
MPSL51 FAIRCHILD-MPSL51 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
logo
Central Semiconductor C...
MPSL51 CENTRAL-MPSL51 Datasheet
20Kb / 1P
Small Signal Transistors
logo
Fairchild Semiconductor
MPSL51 FAIRCHILD-MPSL51 Datasheet
295Kb / 7P
PNP General Purpose Amplifier
More results

Similar Description - MPSL51

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com