Electronic Components Datasheet Search
  English  ▼

X  

MPSA42 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPSA42
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSA42 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPSA42 Datasheet HTML 1Page - Continental Device India Limited MPSA42 Datasheet HTML 2Page - Continental Device India Limited MPSA42 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPSA 42
MPSA 43
TO-92
CBE
High Voltage Transistors.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
MPSA42
MPSA43
UNIT
Collector -Emitter Voltage
VCEO
300
200
V
Collector -Base Voltage
VCBO
300
200
V
Emitter -Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Power Dissipation @ Ta=25 degC
PD
mW
Derate above 25 deg C
mW./deg C
Power Dissipation @ Tc=25 degC
PD
W
Derate above 25 deg C
mW./deg C
Operating And Storage Junction
Tj, Tstg
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
deg C/W
Junction to Ambient
Rth(j-a)
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MPSA42
MPSA43
UNIT
Collector -Emitter Voltage
VCEO
IC=1mA,IB=0
>300
>200
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
>300
>200
V
Emitter-Base Voltage
VEBO
IE=100uA, IC=0
>6.0
>6.0
V
Collector-Cut off Current
ICBO
VCB=200V, IE=0
<100
-
nA
VCB=160V, IE=0
-
<100
nA
Emitter-Cut off Current
IEBO
VEB=6V, IC=0
<100
-
nA
VEB=4V, IC=0
-
<100
nA
DC Current Gain
hFE*
IC=1mA,VCE=10V
>25
>25
IC=10mA,VCE=10V
>40
>40
IC=30mA,VCE=10V
>40
>40
Collector Emitter Saturation Voltage
VCE(Sat)* IC=20mA,IB=2mA
<0.5
<0.4
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=20mA,IB=2mA
<0.9
<0.9
V
DYNAMIC CHARACTERISTICS
.
Current Gain-Bandwidth Product
ft
IC=10mA, VCE=20V
>50
>50
MHz
f=100MHz
Collector Base Capacitance
Ccb
VCB=20V, IE=0
<3.0
<4,0
pF
f=1MHz
*Pulse Test: Pulse Width=300us, Duty Cycle=2%
6
500
625
5
200
1.5
12
-55 to +150
83.3
Continental Device India Limited
Data Sheet
Page 1 of 3
E B
C
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPSA42

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
High Voltage Transistors
logo
ON Semiconductor
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
NXP Semiconductors
MPSA42 PHILIPS-MPSA42 Datasheet
42Kb / 8P
NPN high-voltage transistors
1999 Apr 12
logo
Zetex Semiconductors
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Siemens Semiconductor G...
MPSA42 SIEMENS-MPSA42 Datasheet
129Kb / 4P
NPN Silicon High-Voltage Transistors
More results

Similar Description - MPSA42

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com