Electronic Components Datasheet Search
  English  ▼

X  

MPSA28 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPSA28
Description  NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSA28 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPSA28 Datasheet HTML 1Page - Continental Device India Limited MPSA28 Datasheet HTML 2Page - Continental Device India Limited MPSA28 Datasheet HTML 3Page - Continental Device India Limited MPSA28 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
MPSA28 / MPSA29
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
MPSA28
UNITS
Collector Emitter Voltage
VCES
80
V
Collector Base Voltage
VCBO
80
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Power Dissipation at Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ºC
Power Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
mW/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Collector Emitter Voltage
VCES
IC=100µA, VBE=0
MPSA28
V
MPSA29
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
MPSA28
V
MPSA29
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
V
Collector Cut Off Current
ICBO
VCB=60V, IE=0,
MPSA28
100
nA
VCB=80V, IE=0,
MPSA29
100
nA
Collector Cut Off Current
ICES
VCE=60V, VBE=0,
MPSA28
500
nA
VCE=80V, VBE=0,
MPSA29
500
nA
Emitter Cut Off Current
IEBO
VEB=10V, IC = 0
100
nA
DC Current Gain
*hFE
VCE=5V, IC=10mA
VCE=5V, IC=100mA
Collector Emitter Saturation Voltage
*VCE (sat)
IC=10mA, IB=0.01mA
1.2
V
IC=100mA, IB=0.1mA
1.5
V
Base Emitter On Voltage
*VBE (on)
VCE=5V, IC=100mA
2.0
V
Current Gain Bandwidth Product
**fT
IC=10mA, VCE=5V, f=100MHz
125
MHz
Output Capacitance
Cob
VCB=10V, IE=0V, f=1.0 MHz
8.0
pF
*Pulse test: Pulse Width <300
µµs, Duty Cycle<2%
**fT = IhfeI* ftest
MPSA28_29Rev270607E
10,000
625
5.0
10,000
MIN
83.3
80
100
80
100
12
MPSA29
100
12
500
100
1.5
12
- 55 to +150
200
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPSA28

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA28 MOTOROLA-MPSA28 Datasheet
130Kb / 4P
Darlington Transistor
logo
Fairchild Semiconductor
MPSA28 FAIRCHILD-MPSA28 Datasheet
122Kb / 4P
NPN Darlington Transistor
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
20Kb / 1P
Small Signal Transistors
logo
ON Semiconductor
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
Darlington Transistors
March, 2001 ??Rev. 1
MPSA28 ONSEMI-MPSA28 Datasheet
56Kb / 4P
Darlington Transistors NPN Silicon
January, 2006 ??Rev. 2
More results

Similar Description - MPSA28

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA12 ZETEX-FMMTA12 Datasheet
46Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
2SD1536M ETC-2SD1536M Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistors
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
Epitaxial Planar PNP Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
Continental Device Indi...
BCX38A CDIL-BCX38A Datasheet
95Kb / 3P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
MPSA13 TEL-MPSA13 Datasheet
86Kb / 2P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
MPSA13 CDIL-MPSA13 Datasheet
298Kb / 3P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MPSA28 NJSEMI-MPSA28 Datasheet
180Kb / 2P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com