Electronic Components Datasheet Search
  English  ▼

X  

MPS8598 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MPS8598
Description  PNP SILICON PLANAR AMPLIFIER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS8598 Datasheet(HTML) 2 Page - Continental Device India Limited

  MPS8598 Datasheet HTML 1Page - Continental Device India Limited MPS8598 Datasheet HTML 2Page - Continental Device India Limited MPS8598 Datasheet HTML 3Page - Continental Device India Limited MPS8598 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR AMPLIFIER TRANSISTORS
MPS8598
MPS8599
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Saturation Voltage
VCE (sat) * IC=100ma, IB=5mA
0.4
V
IC=100ma, IB=10mA
0.3
V
Base Emitter on Voltage
VBE (on)
MPS8598
IC=1mA, VCE=5V
0.5
0.7
V
MPS8599
IC=10mA, VCE=5V
0.6
0.8
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=5V
f=100MHz
150
MHz
Output Capacitance
Cob
IE=0, VCB=5V
f=1MHz
8
pF
Input Capacitance
Cib
Ic=0, VEB=0.5V
f=1MHz
30
pF
*Pulse Condition: = Width < 300
µµs, Duty Cycle < 2%.
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com