Electronic Components Datasheet Search
  English  ▼

X  

MPS8099 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MPS8099
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS8099 Datasheet(HTML) 2 Page - Continental Device India Limited

  MPS8099 Datasheet HTML 1Page - Continental Device India Limited MPS8099 Datasheet HTML 2Page - Continental Device India Limited MPS8099 Datasheet HTML 3Page - Continental Device India Limited MPS8099 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
MPS8098
MPS8099
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
DC Current Gain
*hFE
IC=1mA, VCE=5V
100
300
IC=10mA, VCE=5V
100
IC=100mA, VCE=5V
75
Collector Emitter Saturation Voltage
*VCE(sat)
IC=100mA, IB=5mA
0.4
V
IC=100mA, IB=10mA
0.3
V
Base Emitter On Voltage
*VBE(on)
MPS8098
IC=1mA,VCE=5V
0.5
0.7
V
MPS8099
IC=10mA,VCE=5V
0.6
0.8
V
SMALL SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
IC=10mA, VCE=5V,f=100MHz
150
MHz
Output Capacitance
Cobo
IE=0, VCB=5V, f=1MHz
6.0
pF
Input Capacitance
Cibo
IC=0, VEB=0.5V, f=1MHz
25
pF
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle=2%
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com