Electronic Components Datasheet Search
  English  ▼

X  

MJE13005 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MJE13005
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE13005 Datasheet(HTML) 1 Page - Continental Device India Limited

  MJE13005 Datasheet HTML 1Page - Continental Device India Limited MJE13005 Datasheet HTML 2Page - Continental Device India Limited MJE13005 Datasheet HTML 3Page - Continental Device India Limited MJE13005 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN PLASTIC POWER TRANSISTORS
MJE13004
MJE13005
TO-220
Plastic Package
Switchmode Series NPN Silicon Power Transistors
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
MJE13004
UNIT
Collector Emitter Sustaining Voltage
VCEO (sus)
300
V
Collector Emitter Voltage
VCEV
600
V
Emitter Base Voltage
VEBO
9
V
Collector Current Continuous
IC
4
A
*Peak
ICM
8
A
Base Current Continuous
IB
2
A
*Peak
IBM
4
A
Emitter Current Continuous
IE
6
A
*Peak
IEM
12
A
Power Dissipation upto Ta=25ºC
PD
2
W
Derate above=25ºC
16
mW/ºC
Power Dissipation upto Tc=25ºC
PD
75
W
Derate above=25ºC
600
mW/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
- 65 to +150
ºC
* Pulse Test: Pulse Width =5ms, Duty Cycle<10%
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
1.67
ºC/W
Junction to Ambient in free air
Rth (j-a)
62.5
ºC/W
Maxmium Lead Temperature for
Soldering Purpose 1/8" from Case for 5
Seconds
TL
275
ºC
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter sustaining voltage
**VCEO(sus)
IC=10mA, IB=0
MJE13004
300
V
MJE13005
400
V
Collector Cut off Current
ICEV
VCEV=Rated Value,VBE=(off)=1.5V
1.0
mA
TC=100ºC
VCEV=Rated Value,VBE=(off)=1.5V
5.0
mA
Emitter Cut off Current
IEBO
VEB=9V, IC=0
1.0
mA
DC Current Gain
**hFE
IC=1A, VCE=5V
10
60
IC=2A, VCE=5V
8
40
**Pulse Test: Pulse Width=300
µµs, Duty Cycle<2%
MJE13005
400
700
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MJE13005

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13005 MOSPEC-MJE13005 Datasheet
180Kb / 4P
POWER TRANSISTORS(4A,300-400V,75W)
logo
Motorola, Inc
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
logo
ON Semiconductor
MJE13005 ONSEMI-MJE13005 Datasheet
311Kb / 8P
NPN SILICON POWER TRANSISTOR
August, 2010 ??Rev. 9
logo
Wing Shing Computer Com...
MJE13005 WINGS-MJE13005 Datasheet
36Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
logo
KEC(Korea Electronics)
MJE13005 KEC-MJE13005 Datasheet
374Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER, FLUORESCENT LIGHT BALLSTOR)
More results

Similar Description - MJE13005

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com