Electronic Components Datasheet Search
  English  ▼

X  

MJE270 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MJE270
Description  PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE270 Datasheet(HTML) 2 Page - Continental Device India Limited

  MJE270 Datasheet HTML 1Page - Continental Device India Limited MJE270 Datasheet HTML 2Page - Continental Device India Limited MJE270 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Emitter-base voltage (open collector)
VEBO
max.
5.0 V
Collector current
IC
max.
2.0 A
Collector current (peak)
IC
max.
4.0 A
Base current
IB
max.
0.1 A
Total power dissipation up to TC = 25°C
Ptot
max.
15 W
Derate above 25°C
max.
0.12 W/°C
Total power dissipation up to TA = 25°C
Ptot
max.
1.5 W
Derate above 25°C
max.
0.012 W/°C
Junction temperature
Tj
max.
150 ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
8.33 °C/W
From junction to ambient
Rth j–a
83.3 °C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
Collector cutoff current
IE = 0; VCB = 100 V
ICBO
max.
0.3 mA
IB = 0; VCE = 100 V
ICEO
max.
1.0 mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
0.1 mA
Breakdown voltages
IC = 10 mA; IB = 0
VCEO(sus)*
min.
100 V
IC = 1 mA; IE = 0
VCBO
min.
100 V
IE = 1 mA; IC = 0
VEBO
min.
5 V
Saturation voltages
IC = 20 mA; IB = 0.2 mA
VCEsat*
max.
2.0 V
IC = 120 mA; IB = 1.2 mA
VCEsat*
max.
3.0 V
Base emitter on voltage
IC = 120 mA; VCE = 10V
VBE(on)*
max.
2.0 V
D.C. current gain
IC = 20 mA; VCE = 3 V
hFE*
min.
500
IC = 120 mA; VCE = 10 V
hFE*
min.
1500
Transition frequency f = 1 MHz
IC = 0.05 A; VCE = 5 V
fT(1)
min.
6.0 MHz
Second Breakdown Collector
Current with base Forward Biased
VCE = 40V; t = 1.0s; (non-repetitive)
IS/b
min.
375 mA
(1) fT = |hfe|• ftest
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
MJE270, MJE271



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com