Electronic Components Datasheet Search
  English  ▼

X  

MJD122 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MJD122
Description  COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJD122 Datasheet(HTML) 1 Page - Continental Device India Limited

  MJD122 Datasheet HTML 1Page - Continental Device India Limited MJD122 Datasheet HTML 2Page - Continental Device India Limited MJD122 Datasheet HTML 3Page - Continental Device India Limited MJD122 Datasheet HTML 4Page - Continental Device India Limited MJD122 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 NPN
MJD127 PNP
DPAK (TO-252)
Plastic Package
Designed for General Purpose Amplifier and Low Speed Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Peak
IC
A
Base Current
IB
mA
Total Power Dissipation Tc=25ºC
PD
W
Derate Above 25ºC
W/ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
VCEO
IC=30mA, IB=0
100
V
Collector Cut Off Current
ICEO
VCE=50V, IB=0
10
µA
Collector Cut Off Current
ICBO
VCB=100V, IE=0
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
2
mA
DC Current Gain
hFE
IC=4A, VCE=4V
1000
12000
IC=8A, VCE=4V
100
Collector Emitter Saturation Voltage
VCE (sat)
IC=4A, IB=16mA
2
V
IC=8A, IB=80mA
4
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=8A, IB=80mA
4.5
V
Base Emitter On Voltage
VBE (on)
IC=4A, VCE=4V
2.8
V
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth product
hfe
VCE=4V, IC=3A, f=1MHz
4
MHz
Output Capacitance
Cob
IE=0, VCB=10V, f=0.1MHz
MJD127
300
pF
MJD122
200
pF
Small Signal Current Gain
hfe
IC=3A, VCE=4V, f=1kHz
300
*Pulse test: Pulse width < 300
µµs, duty cycle < 2%
MJD122_127 Rev290704E
- 65 to +150
VALUE
100
20
8
5
100
16
120
0.16
6.25
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
Complementary Darlington Power Transistors
1995 REV 1
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
81Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jan-1999
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
Complementary Darlington Power Transistors
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
87Kb / 7P
Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com