Electronic Components Datasheet Search
  English  ▼

X  

FP100 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FP100
Description  HIGH PERFORMANCE PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FP100 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FP100 Datasheet HTML 1Page - Filtronic Compound Semiconductors FP100 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY DATA SHEET
FP100
HIGH PERFORMANCE PHEMT
Phone: (408) 988-1845
http:// www.filss.com
Email: sales@filss.com
Fax: (408) 970-9950
Revised: 07/18/01
•
FEATURES
♦ 14 dBm P-1dB at 12 GHz
♦ 9 dB Power Gain at 12 GHz
♦ 3.0 dB Noise Figure at 12 GHz
DIE SIZE: 16.5 x 16.5 mils (420 x 420
µm)
DIE THICKNESS: 3.9 mils (100
µm typ.)
BONDING PADS: 3.3 x 3.5 mils (85 x 90
µm typ.)
•
DESCRIPTION AND APPLICATIONS
The FP100 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs)
Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-
write 0.25 um by 100 um Schottky barrier gate. The recessed “mushroom” gate structure minimizes
parasitic gate-source and gate resistances. The FP100 features Si3N4 passivation.
Typical applications include general purpose, low noise and broadband amplifiers in the 2-20 GHz
range. The device is well-suited for telecommunication applications.
•
ELECTRICAL SPECIFICATIONS @ TAmbient = 22 ± 3 °C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Power @
1 dB Compression
P1dB
f = 12 GHz; VDS = 5V; IDS = 50% IDSS
13
14
dBm
Power Gain @
1 dB Compression
G1dB
f = 12 GHz; VDS = 5V; IDS = 50% IDSS
8
9
dB
Maximum Available Gain
MAG
f = 12 GHz; VDS = 5V; IDS = 50% IDSS
14.5
15.5
dB
Noise Figure
NF
f = 12 GHz; VDS = 5V; IDS = 50% IDSS
3.0
dB
Power-Added Efficiency
η
f = 12 GHz; VDS = 5V; IDS = 50% IDSS;
POUT = 15.5 dBm
20
25
%
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
15
30
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
15
20
mS
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 1 mA
-0.50
-2.5
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGS = 1 mA
8
10.5
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 1 mA
7
10
V
Gate-Source Leakage
Current Magnitude
|IGSL|
VGS = -5 V
4
10
µA


Similar Part No. - FP100

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FP1000 FSP-FP1000 Datasheet
65Kb / 1P
FP1000
logo
Eaton All Rights Reserv...
FP1005R EATON-FP1005R Datasheet
526Kb / 5P
High frequency, high current power inductors
logo
Cooper Bussmann, Inc.
FP1005R1-R08-R COOPER-FP1005R1-R08-R Datasheet
439Kb / 4P
High Current, High Frequency, Low-Profile Power Inductors
logo
Eaton All Rights Reserv...
FP1005R1-R08-R EATON-FP1005R1-R08-R Datasheet
526Kb / 5P
High frequency, high current power inductors
logo
Cooper Bussmann, Inc.
FP1005R1-R10-R COOPER-FP1005R1-R10-R Datasheet
439Kb / 4P
High Current, High Frequency, Low-Profile Power Inductors
More results

Similar Description - FP100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPDA200V FILTRONIC-FPDA200V Datasheet
57Kb / 3P
HIGH PERFORMANCE PHEMT WITH SOURCE VIAS
LP7612 FILTRONIC-LP7612 Datasheet
39Kb / 2P
HIGH DYNAMIC RANGE PHEMT
LPD200 FILTRONIC-LPD200 Datasheet
30Kb / 2P
HIGH PERFORMANCE PHEMT
LPD200MX FILTRONIC-LPD200MX Datasheet
68Kb / 2P
HIGH PERFORMANCE PHEMT
LPS200 FILTRONIC-LPS200 Datasheet
29Kb / 2P
HIGH PERFORMANCE LOW NOISE PHEMT
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
High Performance High Performance
July, 2006 ??Rev. 3
logo
Filtronic Compound Semi...
FPD200P70 FILTRONIC-FPD200P70_1 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
logo
Freescale Semiconductor...
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
List of Unclassifed Man...
MMA-273336 ETC1-MMA-273336 Datasheet
9Mb / 20P
High Performance/Quality MMIC Based on InGaP HBT, pHEMT, and Linear MESFET Technologies
logo
NXP Semiconductors
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com