Electronic Components Datasheet Search
  English  ▼

X  

PC3H411NIP Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC3H411NIP
Description  Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H411NIP Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC3H411NIP Datasheet HTML 4Page - Sharp Corporation PC3H411NIP Datasheet HTML 5Page - Sharp Corporation PC3H411NIP Datasheet HTML 6Page - Sharp Corporation PC3H411NIP Datasheet HTML 7Page - Sharp Corporation PC3H411NIP Datasheet HTML 8Page - Sharp Corporation PC3H411NIP Datasheet HTML 9Page - Sharp Corporation PC3H411NIP Datasheet HTML 10Page - Sharp Corporation PC3H411NIP Datasheet HTML 11Page - Sharp Corporation PC3H411NIP Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Sheet No.: D2-A02101EN
8
−25
5
0.1
1
10
100
1 000
Frequency f (kHz)
VCE
=2V
IC
=2mA
Ta
=25˚C
0
−5
−10
−15
−20
RL
=10kΩ
1k
Ω
100
Ω
Fig.16 Frequency Response
Ambient temperature Ta (˚C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE
=50V
10−
11
10−
5
10−
6
10−
7
10−
8
10−
9
10−
10
Fig.12 Collector Dark Current vs. Ambient
Temperature
Load resistance RL (k
Ω)
0.1
1
10
100
VCE=2V, IC=2mA
1
tf
ts
tr
td
10
Fig.13 Response Time vs. Load Resistance
(active region)
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Please refer to the conditions in Fig.13 and Fig.14
VCE
Fig.15 Test Circuit for Response Time
Load resistance RL (k
Ω)
1
1
10
100
1 000
Vcc=5V, IF=1mA, Ta=25˚C
10
tf
ts
tr
td
100
Fig.14 Response Time vs. Load Resistance
(saturation region)
Forward current IF (mA)
0
5
02468
10
Ta
=25˚C
4
3
2
1
IC
=7mA
IC
=5mA
IC
=3mA
IC
=2mA
IC
=1mA
IC
=0.5mA
Fig.17 Collector-emitter Saturation Voltage
vs. Forward Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
PC3H41xNIP Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com