Electronic Components Datasheet Search
  English  ▼

X  

PCMC063T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCMC063T
Description  Power Choke Coil PCMC series,PCMB series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCMC063T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCMC063T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke Coil
PCMC series,PCMB series
• Small size of 7.3mm 6.6mm and
low tap of 3.0mm max
• Excellent loss characteristics and
high saturation current
SPECIFICATIONS
PART NUMBER
susumu group catalog
*High speed drive DC/DC inverter for
server, router etc.
*CPU power for note PC and desktop PC
Applications
Completely lead free
RoHS compliant
Mechanical
Equivalent
circuit
Electrical
( unit : mm)
Materials
: Refer to electrical
characteristics table.
Inductance tolerance
M
20%
Inductance value
(R56 0.56 H, R68 0.68 H)
Part Code
Dimensions
(063T 6.6*7.3*3.0mm,
104T 10*11.5*4.0mm,
133E 12.6*13.8*3.5mm,
135T 12.6*13.8*5.0mm)
PCMC 13** - *** M N(S,T)
Dimension
(Inch Size)
PCMC133
L
W
T
A
A1
B
B1
13.8max.
12.6 0.2
3.5max.
2.5 0.1
2.0 0.5
6.0 0.2
4.0 0.3
PCMC105T
11.15 0.35
10 0.3
4.8 0.2
2.5 0.1
2.0 0.5
5.0 0.2
3.0 0.2
PCMC135
13.8max.
12.6 0.2
5.0max.
2.5 0.1
2.0 0.5
6.0 0.2
4.0 0.3
104E
11.5max.
10 0.2
2.5 0.1
2.0 0.5
5.0 0.2
3.0 0.2
104T
PCMC104
4.0max.
2.8 0.2
4.5max.
103E
11.5 0.35
10 0.3
2.5 0.1
2.0 0.5
5.0 0.2
3.0 0.2
103T
PCMC103
3.3 0.2
PCMC063
7.3max.
6.6 0.2
3.0max.
2.0 0.1
1.3 0.3
3.6 0.2
3.0 0.3
L
A
A1
W
B
B1
0.10
0.20
0.22
0.33
0.47
0.68
0.82
1.00
1.20
1.50
2.20
3.30
4.70
6.80
Rdc(m )
Typical
1.5
2.4
2.5
3.5
4.0
5.0
6.7
9.0
10.0
14.0
18.0
28.0
37.0
54.0
1.7
3.0
2.8
3.9
4.2
5.5
8.0
10.0
12.0
15.0
20.0
30.0
40.0
60.0
32.5
24.0
23.0
20.0
17.5
15.5
13.0
11.0
10.0
9.0
8.0
6.0
5.5
4.5
60.0
41.0
40.0
30.0
26.0
25.0
24.0
22.0
20.0
18.0
14.0
13.5
10.0
8.0
MAX.
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
0.36
0.47
8.20
1.00
0.36
0.56
1.00
1.80
2.00
2.20
2.20
3.30
3.30
4.70
6.80
10.00
0.47
Rdc(m )
Typical
1.30
2.10
35.00
2.70
1.05
1.60
3.00
4.50
5.20
6.00
5.80
10.80
11.00
13.20
21.50
27.50
0.95
1.6
2.5
45.0
3.0
1.2
1.8
3.3
5.0
5.8
7.0
7.0
11.8
13.2
15.0
24.0
30.0
1.1
23.0
20.0
5.0
20.0
30.0
25.0
18.0
15.0
14.0
12.0
14.0
10.0
11.0
10.0
7.5
6.0
36.0
28.0
26.0
8.5
27.0
50.0
33.0
28.0
15.0
14.0
18.0
16.0
16.0
14.5
13.0
9.5
6.0
50.0
MAX.
063 type
0.36
0.47
0.50
0.56
0.62
0.68
1.00
1.50
2.20
3.30
Rdc(m )
Typical
0.77
1.10
1.20
1.20
1.50
1.50
2.10
3.40
4.60
7.70
1.10
1.30
1.50
1.50
1.70
1.70
2.50
4.10
5.50
9.20
41
38
36
36
34
34
29
23
20
15
75
65
55
55
54
54
50
48
32
32
MAX.
135 type
8.20
10.00
1.00
2.20
3.30
4.70
Rated current
: Current that will increase temperature by 40 C
Saturating current : The current that reduces inductance by 20%
(PCMC), 30% (PCMB)
Packaging
: 500 piece reel for PCMC135T, PCMC133E,
PCMC (B) 104,
1000 piece reel for PCMC (B) 063T
Rdc(m )
Typical
54.0
62.0
6.7
14.3
22.6
32.5
60.0
68.0
7.5
15.5
24.0
35.0
4.5
4.0
14.0
10.0
8.5
7.0
6.0
5.5
12.0
10.0
8.0
5.0
MAX.
0.22
0.68
0.88
1.50
2.20
Rdc(m )
Typical
0.90
2.40
2.70
3.80
6.70
1.00
2.70
3.00
4.20
7.00
35.0
22.0
20.0
16.0
12.0
60.0
39.0
38.0
33.0
27.0
MAX.
103,104,105 type
0.56
0.68
1.00
2.20
Rdc(m )
Typical
1.80
2.30
3.30
7.20
2.20
2.50
3.50
8.00
29
28
24
16
51
49
40
29
MAX.
133 type
PCMC063T-R10MN
PCMC063T-R20MN
PCMC063T-R22MN
PCMC063T-R33MN
PCMC063T-R47MN
PCMC063T-R68MN
PCMC063T-R82MN
PCMC063T-1R0MN
PCMC063T-1R2MN
PCMC063T-1R5MN
PCMC063T-2R2MN
PCMC063T-3R3MN
PCMC063T-4R7MN
PCMC063T-6R8MN
PCMC063T-***MN
PCMC135T-R36MF
PCMC135T-R47MF
PCMC135T-R50MF
PCMC135T-R56MF
PCMC135T-R62MF
PCMC135T-R68MF
PCMC135T-1R0MF
PCMC135T-1R5MF
PCMC135T-2R2MF
PCMC135T-3R3MF
PCMC135T-***MF
PCMB063T-***M*
PCMB063T-8R2MS
PCMB063T-100MS
PCMB063T-1R0MT
PCMB063T-2R2MT
PCMB063T-3R3MT
PCMB063T-4R7MT
PCMC104T-***MN
PCMC104T-R22MN
PCMC104T-R68MN
PCMC104T-R88MN
PCMC104T-1R5MN
PCMC104T-2R2MN
PCMB103T-R36MS
PCMB103T-R47MS
PCMB103T-8R2MS
PCMB103E-1R0MS
PCMB104T-R36MT
PCMB104T-R56MT
PCMB104T-1R0MT
PCMB104T-1R8MS
PCMB104T-2R0MS
PCMB104T-2R2MS
PCMB104E-2R2MS
PCMB104T-3R3MS
PCMB104E-3R3MS
PCMB104E-4R7MS
PCMB104E-6R8MS
PCMB104T-100MS
PCMB105T-R47MS
PCMB104T-***MN
103,105
PCMC133E-R56MF
PCMC133E-R68MF
PCMC133E-1R0MF
PCMC133E-2R2MF
PCMC133E-***MF
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)


Similar Part No. - PCMC063T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMC063T-R56MN ETC2-PCMC063T-R56MN Datasheet
57Kb / 1P
Power Choke Coil PCMC series,PCMB series
PCMC063TR68MN ETC2-PCMC063TR68MN Datasheet
57Kb / 1P
Power Choke Coil PCMC series,PCMB series
More results

Similar Description - PCMC063T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
Power Choke Coil
logo
List of Unclassifed Man...
PCMC104 ETC2-PCMC104 Datasheet
57Kb / 1P
Power Choke Coil PCMC series,PCMB series
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
Power Choke Coil
logo
List of Unclassifed Man...
PCMC104T ETC2-PCMC104T Datasheet
67Kb / 1P
Power Choke Coil PCMC series,PCMB series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com