Electronic Components Datasheet Search
  English  ▼

X  

2N995 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N995
Description  PNP SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N995 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N995 Datasheet HTML 1Page - Continental Device India Limited 2N995 Datasheet HTML 2Page - Continental Device India Limited 2N995 Datasheet HTML 3Page - Continental Device India Limited 2N995 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 2
PNP SILICON PLANAR TRANSISTOR
2N995
TO-18
DESCRIPTION
SYMBOL
2N995
UNITS
Collector Emitter Voltage
15
V
Collector Base Voltage
20
V
Emitter Base Voltage
4
V
Collector Current Continuous
200
0.36
W
1.2
W
-65 to +200
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
15
V
Collector Base Voltage
20
V
Emitter Base Voltage
4
V
Collector Cut Off Current
5
25
Emitter leakage current
10
Collector Emitter Saturation Voltage
0.2
V
Base Emitter Saturation Voltage
0.95
V
DC Current Gain
25
35
140
25
2N995Rev_270808D
ABSOLUTE MAXIMUM RATINGS (Ta=25º C unless specified otherwise)
V
CEO
V
CBO
V
EBO
I
C
mA
Power Dissipation at
T
a= 25º C
P
D
at T
C= 25º C
Operating And Storage Junction
Temperature Range
T
j, Tstg
º C
ELECTRICAL CHARACTERISTICS (T
a=25º C unless specified otherwise)
V
CEO
I
C= 1mA, IB= 0
V
CBO
I
C= 10µA, IE= 0
V
EBO
I
C= 10µA, IB= 0
I
CBO
V
CB= 15V, IE= 0
nA
V
CB= 15V,Ta= 150º C
µA
I
EBO
V
EB= 4V, IB= 0
µA
V
CE(Sat)
I
C= 10mA, IB= 1mA
V
BE(Sat)
I
C= 10mA, IB= 1mA
*hFE
I
C= 1mA, VCE= 1V
I
C= 20mA, VCE= 1V
I
C= 50mA, VCE= 1V
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Metal Can Package


Similar Part No. - 2N995

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N995 SEME-LAB-2N995 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
logo
Central Semiconductor C...
2N995 CENTRAL-2N995 Datasheet
33Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N995

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
PNP SILICON PLANAR TRANSISTOR
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com