Electronic Components Datasheet Search
  English  ▼

X  

2N718A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N718A
Description  NPN SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N718A Datasheet(HTML) 1 Page - Continental Device India Limited

  2N718A Datasheet HTML 1Page - Continental Device India Limited 2N718A Datasheet HTML 2Page - Continental Device India Limited 2N718A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR TRANSISTOR
2N718A
TO-18
Metal Can Package
General Purpose Transistor.
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCER
50
V
Collector Base Voltage
VCBO
75
V
Emitter Base Voltage
VEBO
7.0
V
Power Dissipation @Ta=25ºC
PD
500
mW
Derate Above 25ºC
2.86
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1.8
W
Derate Above 25ºC
10.3
mW/ºC
Operating and Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector Emitter Voltage
VCER(SUS)* IC=100mA,RBE<10Ω
50
V
Collector Base Voltage
VCBO
IC=100µA.IE=0
75
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
7.0
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
10
nA
VCB=60V, IE=0
Ta=150ºC
10
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
10
nA
DC Current Gain
hFE
IC=0.1mA,VCE=10V
20
IC=10mA,VCE=10V
35
IC=10mA,VCE=10V
20
Ta= -55 ºC
IC=150mA,VCE=10V
40
120
IC=500mA,VCE=10V
20
Collector Emitter Saturation Voltage
VCE(Sat)*IC=150mA,IB=15mA
1.5
V
Base Emitter Saturation Voltage
VBE(Sat)*IC=150mA,IB=15mA
1.3
V
* Pulse Test : Pulse Width < 300
µs, Duty cycle < 2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N718A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N718A FAIRCHILD-2N718A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Boca Semiconductor Corp...
2N718A BOCA-2N718A Datasheet
127Kb / 2P
GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Central Semiconductor C...
2N718A CENTRAL-2N718A Datasheet
33Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N718A ETC1-2N718A Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
More results

Similar Description - 2N718A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com