Electronic Components Datasheet Search
  English  ▼

X  

2N697 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N697
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N697 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N697 Datasheet HTML 1Page - Continental Device India Limited 2N697 Datasheet HTML 2Page - Continental Device India Limited 2N697 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
2N 697
TO-39
Metal Can Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCER
40
V
Collector Base Voltage
VCBO
60
V
Emitter Base Voltage
VEBO
5V
Power Dissipation @ Ta=25ºC
PD
600
mW
Derate Above 25ºC
4
mW/ºC
Power Dissipation@ Tc=25ºC
PD
2W
Derate Above 25ºC
13.3
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNITS
Collector Base Breakdown Voltage
BVCBO
IC=100µA,IE=0
60
V
Collector Emitter Breakdown Voltage
BVCER* IC=100mA,RBE=10Ω
40
V
Emiter Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
5V
Collector Cut off Current
ICBO
VCB=30V, IE=0
1
µA
VCB=30V, IE=0,Ta=150ºC
100
µA
DC Current Gain
hFE*IC=150mA,VCE=10V
10
120
Collector Emitter Saturation Voltage
VCE(Sat) *IC=150mA,IB=15mA
1.5
V
Base Emitter Saturation Voltage
VBE(Sat) *IC=150mA,IB=15mA
1.3
V
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
| hfe |IC=50mA, VCE=10V,
2.5
f=20MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
35
pF
*Pulse Test: Pulse Width <300
µs, Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N697

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N697 MICROSEMI-2N697 Datasheet
63Kb / 3P
NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
Seme LAB
2N697 SEME-LAB-2N697 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N697 NJSEMI-2N697 Datasheet
123Kb / 1P
SILICON
logo
American Microsemicondu...
2N697 AMMSEMI-2N697 Datasheet
439Kb / 1P
Amplifiers & Switches
logo
List of Unclassifed Man...
2N697 ETC1-2N697 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
More results

Similar Description - 2N697

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com