Electronic Components Datasheet Search
  English  ▼

X  

2CF2325 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2CF2325
Description  PNP LOW VOLTAGE FAST SWITCHING POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2CF2325 Datasheet(HTML) 1 Page - Continental Device India Limited

  2CF2325 Datasheet HTML 1Page - Continental Device India Limited 2CF2325 Datasheet HTML 2Page - Continental Device India Limited 2CF2325 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP LOW VOLTAGE FAST SWITCHING POWER TRANSISTOR
2CF2325
Pin Configuration
SOT-89
1= BASE
Plastic Package
2= COLLECTOR
3= EMITTER
For Emergency Lighting, Led, CCFL drivers (back Lighting), Voltage Regulation and Relay driver Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNITS
Collector Base Voltage
V
Collector Emitter Voltage
V
Emitter Base Voltage
V
Collector Current
A
Collector Peak Current (tp < 5ms)
A
Base Current
A
Base Peak Current (tp < 5ms)
A
Total Power Dissipation at Tamb =25ºC
W
Storage Temperature
ºC
Max. Operating Junction Temperature
ºC
THERMAL RESISTANCE
Junction to Ambient
ºC/W
*Device mounted on a PCB area of 1 cm
2
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MAX
UNITS
Collector Cut off Current
ICBO
100
nA
Emitter Cut off Current
IEBO
100
nA
Base Emitter on Voltage
*VBE (on)
0.73
V
Collector Emitter Saturation Voltage
*VCE (sat)
0.32
V
0.500
V
Base Emitter Saturation Voltage
*VBE (sat)
1.20
V
DC Current Gain
*hFE
*Pulse Width=300
µµs, Duty Cycle <1.5%
2CF2325Rev260507E
6.0
VALUE
25
25
SYMBOL
VCBO
VCEO
VEBO
3.0
TEST CONDITION
Ptot
Tj
IC
150
1.4
Tstg
IC=100mA, VCE=2V
89
IC=2A, IB=100mA
IC=2A, IB=100mA
VCB=20V, IE=0
IC=3A, IB=150mA
*Rth (j-amb)
VEB=6V, IC=0
0.63
ICM
IB
0.2
IBM
0.4
5.0
120
- 65 to 150
MIN
IC=3A, VCE=2V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Marking- CDIL
2CF2325


Similar Part No. - 2CF2325

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2CFA BOURNS-2CFA Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
2CFA-330/470M-Q20R BOURNS-2CFA-330/470M-Q20R Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
2CFA-330/470M-Q20T BOURNS-2CFA-330/470M-Q20T Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
2CFB BOURNS-2CFB Datasheet
239Kb / 3P
Thin Film on Silicon 2CFB T-Filter
2CFB-101/101M-Q20R BOURNS-2CFB-101/101M-Q20R Datasheet
239Kb / 3P
Thin Film on Silicon 2CFB T-Filter
More results

Similar Description - 2CF2325

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STN2540 STMICROELECTRONICS-2STN2540 Datasheet
162Kb / 9P
Low voltage fast-switching PNP power bipolar transistor
03-Nov-2006
2STR2215 STMICROELECTRONICS-2STR2215 Datasheet
199Kb / 11P
Low voltage fast-switching PNP power transistor
20-Jul-2006
2STR2230 STMICROELECTRONICS-2STR2230 Datasheet
185Kb / 9P
Low voltage fast-switching PNP power transistor
07-Nov-2006
STN951 STMICROELECTRONICS-STN951 Datasheet
121Kb / 8P
Low voltage fast-switching PNP power transistor
30-Nov-2006
2STF2340 STMICROELECTRONICS-2STF2340 Datasheet
196Kb / 11P
Low voltage fast-switching PNP power transistor
04-Dec-2007
STD2805 STMICROELECTRONICS-STD2805 Datasheet
149Kb / 9P
Low voltage fast-switching PNP power transistor
26-Jun-2007
2STR2160 STMICROELECTRONICS-2STR2160 Datasheet
123Kb / 9P
Low voltage fast-switching PNP power transistor
18-Jun-2008
2STR2215 STMICROELECTRONICS-2STR2215_08 Datasheet
139Kb / 10P
Low voltage fast-switching PNP power transistor
08-Sep-2008
STN951 STMICROELECTRONICS-STN951_08 Datasheet
100Kb / 8P
Low voltage fast-switching PNP power transistor
13-Oct-2008
2STX2360 STMICROELECTRONICS-2STX2360 Datasheet
158Kb / 9P
Low voltage fast-switching PNP power transistor
04-Mar-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com