Electronic Components Datasheet Search
  English  ▼

X  

1N4151 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 1N4151
Description  SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4151 Datasheet(HTML) 1 Page - Continental Device India Limited

  1N4151 Datasheet HTML 1Page - Continental Device India Limited 1N4151 Datasheet HTML 2Page - Continental Device India Limited 1N4151 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
1N4151
500mW
DO- 35
Glass Axial Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Reverses Voltage ( Continuous)
VR
50
V
Repetitive Peak Reversse Voltage
VRRM
75
V
Total Power Dissipation @ TA=25ºC
Ptot
500
mW
Linear Derating Factor
2.85
mW/ºC
Storage Temperature
Tstg
-65 to +200
ºC
Junction Temperature
Tj
200
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=50mA,
1.0
V
Reverse Current
IR
VR= 50V
0.05
µΑ
VR =50V, Tj=150ºC
50
µΑ
Breakdown Voltage
BV
IR=5.0µA
75
V
Reverse Recovery Time
trr
IF=10mA to IR=10mA
4ns
Recovery to 1.0mA
IF=10mA, VR=-6.0V
2ns
RL=100 Ω
Capacitance
C
VR=0, f=1.0MHz
4pF
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Continental Device India Limited
Data Sheet
Page 1 of 3
1N4150Rev011001


Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
logo
Vishay Siliconix
1N4151 VISHAY-1N4151 Datasheet
39Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Rectron Semiconductor
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
SIGNAL DIODE
logo
Semtech Corporation
1N4151 SEMTECH-1N4151 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Shanghai Lunsure Electr...
1N4151 CHENYI-1N4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Continental Device Indi...
CMBD4150 CDIL-CMBD4150 Datasheet
160Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB123 RENESAS-HSB123 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
TRANSYS Electronics Lim...
1N4151 TEL-1N4151 Datasheet
151Kb / 2P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
BAS29 TEL-BAS29 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Renesas Technology Corp
HSB2836 RENESAS-HSB2836 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
1SS84 HITACHI-1SS84 Datasheet
21Kb / 3P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Continental Device Indi...
BAV23S CDIL-BAV23S Datasheet
140Kb / 4P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com