Electronic Components Datasheet Search
  English  ▼

X  

SML4735 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SML4735
Description  Glass Passivated Zener
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SML4735 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SML4735 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SML4735 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML4728~SML4764A
Glass Passivated Zener
Features
●
For surface mounted applications
●
Low Zener impedance
●
Low regulation factor
●
Glass passivated chip
●
High reliability
●
High temperature soldering guaranteed
260℃/10 s at terminals
●
Standard voltage tolerance is 10%,
suffix A ±5%
●
Component in accordance to
RoHS 2002/95/EC and WEEE 2002/96/EC
Mechanical Date
●
Case: JEDEC DO-214AC molded plastic
over passivated chip
●
Terminals: Solder plated, solderable per
MIL-STD-750 Method 2026
●
Polarity: types the band by laser
denotes the cathode
Applications
●
Voltage stabilization
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
P
TJ max
TSTG
Maximum Junction temperature
storage temperature range
power dissipation
VALUE
1.0
–55 to +150
UNIT
W
°C
150
°C
http://www.trr-jx.com


Similar Part No. - SML4735

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SML4735 GE-SML4735 Datasheet
39Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Vishay Siliconix
SML4735 VISHAY-SML4735 Datasheet
135Kb / 5P
Surface Mount Zener Diodes
03-Mar-04
logo
EIC discrete Semiconduc...
SML4735 EIC-SML4735 Datasheet
34Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4735 VISHAY-SML4735 Datasheet
90Kb / 6P
Surface Mount Zener Diodes
21-Oct-08
logo
EIC discrete Semiconduc...
SML4735 EIC-SML4735 Datasheet
99Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SML4735

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
Z4KE100 GE-Z4KE100 Datasheet
41Kb / 2P
GLASS PASSIVATED ZENER
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
Glass Passivated Zener Diode
logo
Guangdong Juxing Electr...
DZL4728 JUXING-DZL4728 Datasheet
1Mb / 2P
Glass Passivated Zener
logo
SHENZHEN YONGERJIA INDU...
1AZ3.3 WINNERJOIN-1AZ3.3 Datasheet
203Kb / 3P
Glass Passivated Zener
logo
DONGGUAN YOU FENG WEI E...
SML4728 YFWDIODE-SML4728 Datasheet
82Kb / 2P
Glass Passivated Zener
logo
Guangdong Juxing Electr...
SML4728 JUXING-SML4728_09 Datasheet
667Kb / 2P
Glass Passivated Zener
logo
Shenzhen Luguang Electr...
DZL4728 LUGUANG-DZL4728 Datasheet
998Kb / 2P
Glass Passivated Zener
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com