Electronic Components Datasheet Search
  English  ▼

X  

PEM3112 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PEM3112
Description  30W Power Over Ethernet Plus (POE) PD Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEM3112 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PEM3112 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 10Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PEM3100 SERIES
by
30W Power Over Ethernet Plus (POE+) PD Module
www.poweredethernet.com
PEM3100_13F_R1-1
Page 7 of 13
Part F.5. – AT Detection (ATD Pin)
In case of Layer 2 (link layer) classification, in order to extract more than 15.4W power from the PSE the
host board controller has to confirm back to the PSE through the data link layer (Layer 2) that it is a Type-2
PD. Full details are available in the IEEE 802.3at standards document.
ATD Pin can be connected to host board through an opto-coupler as shown in figure 4.
The opto-coupler (U1) is connected across the isolation barrier. When a Type-2 PSE is connected to the
PEM3100, the ATD pin goes High and turns on the opto-coupler. The collector pin of U1 to be connected to
the host board controller, using a pull-up resistor. When the ATD pin goes High, U1 output goes Low. Then
the host board controller can understand that the PSE can deliver more than 15.4W and confirm back that
this is a Type-2 PD.
If the PEM3100 detects a 1 – Event Physical Layer classification, U1 remains OFF and the output collector
remains high (via pull-up resistor). The host board then understands that the PSE is not Type-2.
In case the Physical Layer classification is not supported by the PSE, then U1 remains OFF.
Figure 4 – ATD Pin Connection
AT Detect
+VDC
-VDC
VIN-
To Host Board Controller
470uF
C1
C2
470uF
R1
Isolation
U1
LTV357 or PC817 or equivalent
PEM3100
Figure 4
Part F.6. – Remote Shutdown (RSD)
The PEM3100 series is featured with Remote Shut Down option, which can be used in case the host board
need to shut down PEM3100. This feature is helpful with host boards having auxiliary power supply.
Using the remote shut down feature the designer can decide the priority of POE power or auxiliary power.
For example, when the auxiliary power supply is live, the host board can shut down the PEM3100 output.
Similarly the RSD feature can be used to initiate a hardware reset.
The RSD pin can be connected to host board through an opto-coupler as shown in Figure 5. The opto-
coupler is required in order to maintain the 1500V isolation barrier.
To shut down the PEM3100 the host board needs to pull the RSD pin from Zero to High. When the RSD pin
is activated, the output of the PEM3100 will switch off. RSD is a current-mode pin, the ratings are as per
Table 2 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com