Electronic Components Datasheet Search
  English  ▼

X  

3071 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3071
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3071 Datasheet(HTML) 1 Page - Alpha Wire

  3071 Datasheet HTML 1Page - Alpha Wire 3071 Datasheet HTML 2Page - Alpha Wire 3071 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 3071
Construction
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
22 (7/30) AWG TC
0.030
b) Insulation
0.032" Wall, Nom. PVC
0.094+/- 0.004
(1) Print
ALPHA WIRE E163872-* (UL) MTW 600V OR AWM STYLE
1015/1230 105C 600V VW-1 22 AWG ---- LLXXXX CSA
AWM I A/B 105C 600V FT1 OR TEW 105C 600V FT1
CE ROHS
{0} * = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, GREEN/YELLOW, YELLOW/GREEN
Applicable Specifications
1) UL
AWM/STYLE 1015
105°C / 600 VRMS
MTW
90°C Dry / 60°C Wet / 600 VRMS
AWM/STYLE 1230
105°C / 600 VRMS
VW-1
2) CSA International
TEW-105
105°C / 600 VRMS
AWM I A/B
105°C / 600 VRMS
FT1
3) CE:
EU Low Voltage Directive 2006/95/EC
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - 3071

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3071 KR-3071 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
logo
3M Electronics
3071 3M-3071 Datasheet
29Kb / 2P
Scotch® Recycled Corrugate Tape
Oct-2012
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
logo
Heyco.
3071 HEYCO-3071 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Videk Ltd
3071 VIDEK-3071 Datasheet
77Kb / 1P
The 5 pin DIN cables are appropriate for AT style keyboards and the 9 D type cables for serial mice.
More results

Similar Description - 3071

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com