Electronic Components Datasheet Search
  English  ▼

X  

AHS160 Datasheet(PDF) 4 Page - Tyco Electronics

Part # AHS160
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AHS160 Datasheet(HTML) 4 Page - Tyco Electronics

  AHS160 Datasheet HTML 1Page - Tyco Electronics AHS160 Datasheet HTML 2Page - Tyco Electronics AHS160 Datasheet HTML 3Page - Tyco Electronics AHS160 Datasheet HTML 4Page - Tyco Electronics AHS160 Datasheet HTML 5Page - Tyco Electronics AHS160 Datasheet HTML 6Page - Tyco Electronics AHS160 Datasheet HTML 7Page - Tyco Electronics AHS160 Datasheet HTML 8Page - Tyco Electronics AHS160 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
176
RoHS Compliant, ELV Compliant
12
Table A2
Thermal Derating for Automotive Devices
[Hold Current (A) at Ambient Temperature (°C)]
Cont’d
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
ASMD
16-60V — Surface-mount
ASMD030F
0.35
0.31
0.27
0.23
0.22
0.19
0.17
0.15
0.13
0.11
—
ASMD050F
0.59
0.53
0.46
0.39
0.37
0.33
0.29
0.26
0.23
0.18
—
ASMD075F
0.91
0.81
0.71
0.60
0.58
0.50
0.45
0.40
0.35
0.28
—
ASMD100F
1.37
1.22
1.06
0.90
0.86
0.76
0.68
0.60
0.52
0.41
—
ASMD125F
1.58
1.40
1.23
1.04
1.00
0.87
0.78
0.70
0.60
0.48
—
ASMD150F
1.93
1.70
1.50
1.27
1.22
1.07
0.95
0.85
0.74
0.58
—
ASMD185F
2.93
2.58
2.30
1.93
1.85
1.62
1.44
1.30
1.12
0.88
—
ASMD200F
2.63
2.34
2.04
1.73
1.66
1.45
1.30
1.16
1.00
0.80
—
ASMD250F
3.00
2.66
2.32
1.97
1.89
1.65
1.48
1.32
1.14
0.91
—
nanoASMDC
16-48V — Surface-mount
nanoASMDC012F
0.20
0.17
0.15
0.13
0.12
0.11
0.10
0.09
0.08
0.07
—
nanoASMDC016F
0.21
0.20
0.18
0.16
0.16
0.14
0.13
0.12
0.11
0.09
—
nanoASMDC020F
0.34
0.30
0.26
0.22
0.20
0.17
0.15
0.13
0.11
0.08
—
nanoASMDC035F
0.58
0.51
0.44
0.38
0.35
0.31
0.28
0.24
0.21
0.16
—
microASMD
30V — Surface-mount
microASMD005F
0.08
0.07
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
—
microASMD010F
0.15
0.13
0.12
0.10
0.10
0.09
0.08
0.06
0.06
0.05
—
miniASMDC
16-60V — Surface-mount
miniASMDC010F
0.17
0.15
0.13
0.11
0.10
0.09
0.08
0.07
0.06
0.04
—
miniASMDC014F
0.23
0.20
0.17
0.14
0.13
0.11
0.10
0.09
0.07
0.05
—
miniASMDC020F
0.30
0.27
0.23
0.20
0.19
0.17
0.15
0.13
0.12
0.09
—
miniASMDC030F
0.49
0.44
0.39
0.32
0.30
0.27
0.24
0.22
0.18
0.14
—
miniASMDC050F
0.59
0.57
0.55
0.50
0.48
0.45
0.43
0.35
0.30
0.23
—
miniASMDC075F/24
1.50
1.25
1.00
0.75
0.73
0.65
0.60
0.55
0.50
0.43
—
miniASMDC110F/16
1.68
1.49
1.30
1.10
1.05
0.92
0.83
0.75
0.64
0.50
—
miniASMDC110F/24
2.00
1.70
1.40
1.10
1.06
0.95
0.88
0.80
0.73
0.61
—
miniASMDC125F/16
2.00
1.69
1.47
1.25
1.17
1.03
0.92
0.90
0.69
0.53
—
miniASMDC150F/16
2.40
2.10
1.80
1.50
1.44
1.25
1.13
1.00
0.88
0.69
—
miniASMDC150F/24
2.10
1.90
1.70
1.50
1.44
1.25
1.13
1.00
0.88
0.69
—
miniASMDC260F/16
3.50
3.20
3.00
2.60
2.53
2.30
2.15
2.00
1.85
1.63
—
BD
14V— Bladed Device
BD280-1130-10/16
12.4
11.0
9.7
8.3
8.0
7.0
6.3
5.6
5.0
4.0
—
BD280-1130-15/16
17.4
15.7
14.1
12.4
12.0
10.8
9.9
9.1
8.3
7.0
—
BD280-1130-20/16
24.0
21.6
19.1
16.6
16.0
14.1
12.9
11.7
10.4
8.6
—
BD280-1927-25/16-W
32.0
28.3
24.6
20.9
20.0
17.2
15.4
13.5
11.7
8.9
—
BD280-1927-30/16-W
34.1
30.1
26.0
22.0
21.0
18.0
16.0
14.0
11.9
9.1
—
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com