Electronic Components Datasheet Search
  English  ▼

X  

TPSSTEC Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # TPSSTEC
Description  Raccord coude basculant Tara Plus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

TPSSTEC Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  TPSSTEC Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
R149-035-001
Raccord coudé basculant Tara Plus
Se fixe à l'armoire.
Accepte un tube rectangulaire de 60 x 40 mm parallèle au toit et au
fond de l'armoire.
Aluminium moulé sous pression G Al Si 12.
Pivote sur 300°.
Comporte un mécanisme d'inclinaison réglable jusqu'à 35°.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - TPSSTEC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
TPSSTC HAMMOND-TPSSTC Datasheet
77Kb / 1P
Raccord basculant Tara Plus
More results

Similar Description - TPSSTEC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HDSSEL HAMMOND-HDSSEL Datasheet
70Kb / 1P
Raccord coude robuste
HDSSELC HAMMOND-HDSSELC Datasheet
95Kb / 1P
Raccord coude robuste
TPSSB48 HAMMOND-TPSSB48 Datasheet
73Kb / 1P
Base 48 Tara Plus
TPSSC HAMMOND-TPSSC Datasheet
98Kb / 1P
Raccord Tara Plus
TPSSEC HAMMOND-TPSSEC Datasheet
70Kb / 1P
Raccord coude Tara Plus
TPSSFE48 HAMMOND-TPSSFE48 Datasheet
77Kb / 1P
Raccord coude fixe 48 Tara Plus
TPSSFE70 HAMMOND-TPSSFE70 Datasheet
74Kb / 1P
Raccord coud챕 fixe 70 Tara Plus
TPSSRE HAMMOND-TPSSRE Datasheet
77Kb / 1P
Raccord coude tournant Tara Plus
TPSSTC HAMMOND-TPSSTC Datasheet
77Kb / 1P
Raccord basculant Tara Plus
TPSSWJ HAMMOND-TPSSWJ Datasheet
74Kb / 1P
Joint mural Tara Plus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com