Electronic Components Datasheet Search
  English  ▼

X  

TIP31 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # TIP31
Description  Complementary Silicon Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP31 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  TIP31 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.8 Collector saturation region
Base current, I (mA)
B
Collector Current, l (A)
C
Fig.9 “On” voltages
1.2
2.0
5.0
1.0
10
0.02
0.01
0.005
0.003
Page 4 of 5
www.nellsemi.com
0.8
0
1.6
0.4
50 100
20
200
500
3.0
1.0
0.05
TIP31 (NPN) Series
TIP32 (PNP) Series
I = 0.3A
C
1. 0A
3. 0A
T = 25
°C
J
1000
2.0
V
@ I /I = 10
CE(sat)
C
B
V
@ V
= 2.0V
BE
CE
V
@ I /I = 10
BE(sat)
C
B
2.0
0.3
0.1
0.2
0.5
0.2
1.0
0.6
0.8
0.4
0
1.2
1.4
T = 25
°C
J
θ
FOR V
VB
BE
*θ
FOR V
VC
CE(sat)
APPLIES FOR I
/I
≤ h /2
CE
B
FE
T = -65
˚C to +150˚C
J
0.02
0.01
0.005
0.003
3.0
1.0
0.05
2.0
0.3
0.1
0.2
0.5
-2.5
-2.0
-1.5
-1.0
-0.5
0
+0.5
+1.0
+1.5
+2.0
+2.5
V
= 30V
CE
T = 150
°C
J
100
°C
Forward
Reverse
ICES
25
°C
0
+0.2
-0.3
+0.1
-0.2
-0.4
-0.1
+0.4
+0.3
+0.5 +0.6
-2
10
-3
10
-1
10
0
10
1
10
2
10
3
10
V
= 30V
CE
I = 2×I
C
CES
I ≈ I
C
CES
I = 10×I
C
CES
(Typical I
values
CES
obtained from flgure 11)
20
40
60
80
100
120
160
140
2
10
3
10
4
10
5
10
6
10
7
10
Fig.10 Temperature coeffcients
Collector Current, l (A)
C
Fig.11 Collector cut-off region
Bese-emitter voltage, V
(V)
BE
Fig.12 Effects of base-emitter resistance
Junction temperature, T (
˚C)
J



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com