Electronic Components Datasheet Search
  English  ▼

X  

XM1002-BD Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XM1002-BD
Description  Image Reject Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XM1002-BD Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XM1002-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XM1002-BD Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Image Reject Mixer
34.0-46.0 GHz
XM1002-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Electrical Specifications: 34-46 GHz (Upper Side Band) (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Frequency Range (RF) Lower Side Band
GHz
34.0
-
46.0
Frequency Range (LO)
GHz
30.0
-
50.0
Frequency Range (IF)
GHz
DC
-
4.0
RF Return Loss (S11)
dB
-
18.0
-
IF Return Loss (S22)
dB
-
10.0
-
LO Return Loss (S33)
dB
-
8.0
-
Conversion Loss (S21)
dB
-
7.0
8.0
LO Input Drive (PLO)
dBm
-
+12.0
-
Image Rejection
dBc
15.0
20.0
-
Isolation LO/RF
dB
-
11.0
-
Isolation LO/IF
dB
-
30.0
-
Isolation RF/IF
dB
-
30.0
-
Input Third Order Intercept (IIP3)
dBm
-
+24.0
-
Gate Bias Voltage (Vg1)
VDC
-2.0
-0.5
+0.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com