Electronic Components Datasheet Search
  English  ▼

X  

6823 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6823
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6823 Datasheet(HTML) 1 Page - Alpha Wire

  6823 Datasheet HTML 1Page - Alpha Wire 6823 Datasheet HTML 2Page - Alpha Wire 6823 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 6823
Construction
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
22 (7/30) AWG BC
0.030
b) Insulation
0.008" Wall, Nom. Modified Polyphenylene
Ether
0.046+/- 0.002
(1) Print
ALPHA WIRE ECOWIRE TM P/N 6823
22AWG (0.35MM2) 110C 300V ROHS CE
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, GREEN/YELLOW
Applicable Specifications
1) Other
Halogen-Free
Suitable for ISO 6722
60 VRMS
2) CE:
LVD 73/23/EEC Amendment 93/68/EEC
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
Properties
Physical & Mechanical Properties
1) Temperature Range
-40 to 110°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
5.5 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Inductance
0.04 µH/ft, Nominal
3) Conductor DCR
15.1 /1000ft @20°C, Nominal
Other


Similar Part No. - 6823

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6823 ALPHAWIRE-6823 Datasheet
98Kb / 4P
Customer Specification
2/20/2023
logo
Mascot AS
6823 MASCOT-6823 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Tyco Electronics
68233-1 MACOM-68233-1 Datasheet
659Kb / 17P
Pneumatic Tools
logo
Alpha Wire
6823 ALPHAWIRE-6823_V01 Datasheet
98Kb / 4P
Customer Specification
2/20/2023
More results

Similar Description - 6823

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com