Electronic Components Datasheet Search
  English  ▼

X  

LP1500 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP1500
Description  1W POWER PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP1500 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP1500 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP1500 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP1500
1W POWER PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/18/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 31.5 dBm Output Power at 1-dB Compression at 18 GHz
♦ 8 dB Power Gain at 18 GHz
♦ 28 dBm Output Power at 1-dB Compression at 3.3V
♦ 45dBm Output IP3 at 18GHz
♦ 50% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP1500 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs)
Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-
write 0.25
µm by 1500 µm Schottky barrier gate. The recessed “mushroom” gate structure
minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have
been optimized for reliable high-power applications. The LP1500 also features Si3N4 passivation
and is available in a P100 flanged ceramic package and in the low cost plastic SOT89 package.
Typical applications include commercial and other narrowband and broadband high-performance
amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output
amplifiers, and medium-haul digital radio transmitters.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
375
490
600
mA
Power at 1-dB Compression
P-1dB
VDS = 8 V; IDS = 50% IDSS
30
31.5
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 8 V; IDS = 50% IDSS
6
8
dB
Output Third Intercept Point
IP3
VDS = 8 V; IDS = 50% IDSS
45
dBm
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS
50
%
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
925
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
385
450
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
10
75
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 5 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 8 mA
-12
-15
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 8 mA
-12
-16
V
Thermal Resistivity
Θ
JC
45
°C/W
frequency=18 GHz
DRAIN
BOND
PAD (2X)
SOURCE
BOND
PAD (2x)
GATE
BOND
PAD (2X)
DIE SIZE: 16.5X16.1 mils (420x410
µm)
DIE THICKNESS: 3 mils (75
µm)
BONDING PADS: 1.9X2.4 mils (50x60
µm)


Similar Part No. - LP1500

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
PACKAGED 1W POWER PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
LP1500SOT2231 FILTRONIC-LP1500SOT2231 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
LP1500SOT2232 FILTRONIC-LP1500SOT2232 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
LP1500SOT2233 FILTRONIC-LP1500SOT2233 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
More results

Similar Description - LP1500

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
PACKAGED 1W POWER PHEMT
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD1000AS FILTRONIC-FPD1000AS Datasheet
533Kb / 8P
1W PACKAGED POWER PHEMT
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
1W POWER PHEMT
FPD1500P100 FILTRONIC-FPD1500P100 Datasheet
182Kb / 3P
1W PACKAGED POWER PHEMT
FPD6836 FILTRONIC-FPD6836_1 Datasheet
142Kb / 3P
0.25W POWER PHEMT
FPD1500 FILTRONIC-FPD1500 Datasheet
156Kb / 3P
1W POWER PHEMT
FPD1000AS FILTRONIC-FPD1000AS_1 Datasheet
539Kb / 11P
1W PACKAGED POWER PHEMT
logo
Transcom, Inc.
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
1W Packaged Single-Bias PHEMT GaAs Power FETs
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
1W POWER pHEMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com