Electronic Components Datasheet Search
  English  ▼

X  

2SJ557 Datasheet(PDF) 2 Page - NEC

Part # 2SJ557
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ557 Datasheet(HTML) 2 Page - NEC

  2SJ557 Datasheet HTML 1Page - NEC 2SJ557 Datasheet HTML 2Page - NEC 2SJ557 Datasheet HTML 3Page - NEC 2SJ557 Datasheet HTML 4Page - NEC 2SJ557 Datasheet HTML 5Page - NEC 2SJ557 Datasheet HTML 6Page - NEC 2SJ557 Datasheet HTML 7Page - NEC 2SJ557 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D13292EJ1V0DS00
2
2SJ557
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-off Current
IDSS
VDS = –30 V, VGS = 0 V
–10
µA
Gate Leakage Current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–1.0
–1.7
–2.5
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –1.5 A1
2.5
S
Drain to Source On-state Resistance
RDS(on)1
VGS = –10 V, ID = –1.0 A
114
155
m
Ω
RDS(on)2
VGS = –4.5 V, ID = –1.0 A
178
255
m
Ω
RDS(on)3
VGS = –4.0 V, ID = –1.0 A
212
290
m
Ω
Input Capacitance
Ciss
VDS = –10 V
312
pF
Output Capacitance
Coss
VGS = 0 V
117
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
56
pF
Turn-on Delay Time
td(on)
VDD = –10 V12
ns
Rise Time
tr
ID = –1.0 A7
ns
Turn-off Delay Time
td(off)
VGS(on) = –10 V
133
ns
Fall Time
tf
RG = 10
Ω
85
ns
Total Gate Charge
QG
VDD= –10 V2.8
nC
Gate to Source Charge
QGS
ID = –2.5 A1.0
nC
Gate to Drain Charge
QGD
VGS = –4.0 V1.2
nC
Diode Forward Voltage
VF(S-D)
IF = 2.5 A, VGS = 0 V0.84
V
Reverse Recovery Time
trr
IF = 2.5 A, VGS = 0 V28
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A /
µs7.8
nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr
td(off)
tf
10 %
τ
RG = 10
Ω
ID
0
ton
toff
PG.
50
Ω
D.U.T.
RL
VDD
IG = 2 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com