Electronic Components Datasheet Search
  English  ▼

X  

LP1500P100 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP1500P100
Description  PACKAGED 1W POWER PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP1500P100 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP1500P100 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP1500P100 Datasheet HTML 2Page - Filtronic Compound Semiconductors LP1500P100 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LP1500P100
PACKAGED 1W POWER PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/20/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 31 dBm Output Power at 1-dB Compression at 15 GHz
♦ 9 dB Power Gain at 15 GHz
♦ 42 dBm Output IP3 at 15GHz
♦ 60% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP1500P100 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide
(AlGaAs/InGaAs) pseudomorphic High Electron Mobility Transistor (pHEMT). It utilizes a
0.25
µm x 1500 µm Schottky barrier gate, defined by electron-beam photolithography. The recessed
“mushroom” gate structure minimizes parasitic gate-source and gate resistance.
The epitaxial
structure and processing have been optimized for reliable high-power applications. The LP1500 also
features Si3N4 passivation and is available in die form or in other packages.
The LP1500P100 is designed for medium-power, linear amplification. This device is suitable for
applications in commercial and military environments, and it is appropriate to be used as a medium
power transistor in SATCOM uplink transmitters, medium-haul digital radio transmitters, PCS high
efficiency amplifiers, and WLL systems.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
375
490
600
mA
Power at 1-dB Compression
P-1dB
VDS = 8 V; IDS = 50% IDSS
29.5
31
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 8 V; IDS = 50% IDSS
8
9
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS;
PIN = 17 dBm
60
%
Output Third-Order Intercept Point
IP3
VDS = 8V; IDS = 50% IDSS;
PIN = 10 dBm
42
dBm
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
925
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
300
400
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
10
100
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 5 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 8 mA
-12
-15
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 8 mA
-12
-16
V
frequency=15 GHz


Similar Part No. - LP1500P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500 FILTRONIC-LP1500 Datasheet
40Kb / 2P
1W POWER PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
LP1500SOT2231 FILTRONIC-LP1500SOT2231 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
LP1500SOT2232 FILTRONIC-LP1500SOT2232 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
LP1500SOT2233 FILTRONIC-LP1500SOT2233 Datasheet
69Kb / 2P
Low Noise, High Linearity Packaged PHEMT
More results

Similar Description - LP1500P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500 FILTRONIC-LP1500 Datasheet
40Kb / 2P
1W POWER PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD1000AS FILTRONIC-FPD1000AS Datasheet
533Kb / 8P
1W PACKAGED POWER PHEMT
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
1W POWER PHEMT
FPD1500P100 FILTRONIC-FPD1500P100 Datasheet
182Kb / 3P
1W PACKAGED POWER PHEMT
FPD1500 FILTRONIC-FPD1500 Datasheet
156Kb / 3P
1W POWER PHEMT
FPD1000AS FILTRONIC-FPD1000AS_1 Datasheet
539Kb / 11P
1W PACKAGED POWER PHEMT
logo
Transcom, Inc.
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
1W Packaged Single-Bias PHEMT GaAs Power FETs
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
1W POWER pHEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com