Electronic Components Datasheet Search
  English  ▼

X  

IO21PDB0V0 Datasheet(PDF) 117 Page - Microsemi Corporation

Part # IO21PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO21PDB0V0 Datasheet(HTML) 117 Page - Microsemi Corporation

Back Button IO21PDB0V0 Datasheet HTML 113Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 114Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 115Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 116Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 117Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 121Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 3
VCCFPGAIOB5
Supply
Digital supply to the FPGA fabric I/O bank 5 (west FPGA I/O bank) for the output buffers
and I/O logic.
Each bank can have a separate VCCFPGAIO connection. All I/Os in a bank will run off
the same VCCFPGAIO supply. VCCFPGAIO can be 1.5 V, 1.8 V, 2.5 V, or 3.3 V,
nominal voltage. Unused I/O banks should have their corresponding VCCFPGAIO pins
tied to GND.
VCCLPXTAL
Supply
Analog supply to the low power 32 KHz crystal oscillator. Always power this pin.1
VCCMAINXTAL
Supply
Analog supply to the main crystal oscillator circuit. Always power this pin.1
VCCMSSIOB2
Supply
Supply voltage to the microcontroller subsystem I/O bank 2 (east MSS I/O bank) for the
output buffers and I/O logic.
Each bank can have a separate VCCMSSIO connection. All I/Os in a bank will run off
the same VCCMSSIO supply. VCCMSSIO can be 1.5 V, 1.8 V, 2.5 V, or 3.3 V, nominal
voltage. Unused I/O banks should have their corresponding VCCMSSIO pins tied to
GND.
VCCMSSIOB4
Supply
Supply voltage to the microcontroller subsystem I/O bank 4 (west MSS I/O bank) for the
output buffers and I/O logic.
Each bank can have a separate VCCMSSIO connection. All I/Os in a bank will run off
the same VCCMSSIO supply. VCCMSSIO can be 1.5 V, 1.8 V, 2.5 V, or 3.3 V, nominal
voltage. Unused I/O banks should have their corresponding VCCMSSIO pins tied to
GND.
VCCPLLx
Supply
Analog 1.5 V supply to the PLL. Always power this pin.
VCCRCOSC
Supply
Analog supply to the integrated RC oscillator circuit. Always power this pin.1
VCOMPLAx
Supply
Analog ground for the PLL
VDDBAT
Supply
External battery connection to the low power 32 KHz crystal oscillator (along with
VCCLPXTAL), RTC, and battery switchover circuit. Can be pulled down if unused.
Name
Type
Description
Notes:
1. The following 3.3 V supplies should be connected together while following proper noise filtering practices: VCC33A,
VCC33ADCx, VCC33AP, VCC33SDDx, VCCMAINXTAL, and VCCLPXTAL.
2. The following 1.5 V supplies should be connected together while following proper noise filtering practices: VCC,
VCC15A, and VCC15ADCx.
3. For more details on VCCPLLx capacitor recommendations, refer to the application note AC359, SmartFusion cSoC
Board Design Guidelines, the "PLL Power Supply Decoupling Scheme" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com