Electronic Components Datasheet Search
  English  ▼

X  

IO21PDB0V0 Datasheet(PDF) 119 Page - Microsemi Corporation

Part # IO21PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO21PDB0V0 Datasheet(HTML) 119 Page - Microsemi Corporation

Back Button IO21PDB0V0 Datasheet HTML 115Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 116Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 117Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 123Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 5
User-Defined Supply Pins
Name
Type
Polarity/
Bus Size
Description
VAREF0
Input
1
Analog reference voltage for first ADC.
The SmartFusion cSoC can be configured to generate a 2.56 V internal reference
that can be used by the ADC. While using the internal reference, the reference
voltage is output on the VAREFOUT pin for use as a system reference. If a
different reference voltage is required, it can be supplied by an external source
and applied to this pin. The valid range of values that can be supplied to the ADC
is 1.0 V to 3.3 V. When VAREF0 is internally generated, a bypass capacitor must
be connected from this pin to ground. The value of the bypass capacitor should be
between 3.3 µF and 22 µF, which is based on the needs of the individual designs.
The choice of the capacitor value has an impact on the settling time it takes the
VAREF0 signal to reach the required specification of 2.56 V to initiate valid
conversions by the ADC. If the lower capacitor value is chosen, the settling time
required for VAREF0 to achieve 2.56 V will be shorter than when selecting the
larger capacitor value. The above range of capacitor values supports the accuracy
specification of the ADC, which is detailed in the datasheet. Designers choosing
the smaller capacitor value will not obtain as much margin in the accuracy as that
achieved with a larger capacitor value. See the Analog-to-Digital Converter (ADC)
section in the SmartFusion Programmable Analog User’s Guide for more
information. The SoC Products Group recommends customers use 10 µF as the
value of the bypass capacitor. Designers choosing to use an external VAREF0
need to ensure that a stable and clean VAREF0 source is supplied to the VAREF0
pin before initiating conversions by the ADC. To use the internal voltage reference,
the VAREFOUT pin must be connected to the appropriate ADC VAREFx input on
the PCB. For example, VAREFOUT can be connected to VAREF0 only, if ADC0
alone is used. VAREFOUT can be connected to VAREF1 only, if ADC1 alone is
used. VAREFOUT can be connected to VAREF2 only, if ADC2 alone is used.
VAREFOUT can be connected to VAREF0, VAREF1 and VAREF2 together, if
ADC0, ADC1, and ADC2 all are used.
VAREF1
Input
1
Analog reference voltage for second ADC
See "VAREF0" above for more information.
VAREF2
Input
1
Analog reference voltage for third ADC
See "VAREF0" above for more.
VAREFOUT
Out
1
Internal 2.56 V voltage reference output. Can be used to provide the two ADCs
with a unique voltage reference externally by connecting VAREFOUT to both
VAREF0 and VAREF1. To use the internal voltage reference, you must connect
the VAREFOUT pin to the appropriate ADC VAREFx input—either the VAREF0 or
VAREF1 pin—on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com