Electronic Components Datasheet Search
  English  ▼

X  

IO21PDB0V0 Datasheet(PDF) 190 Page - Microsemi Corporation

Part # IO21PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO21PDB0V0 Datasheet(HTML) 190 Page - Microsemi Corporation

Back Button IO21PDB0V0 Datasheet HTML 186Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 187Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 188Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 191Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 192Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 193Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 194Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 197 page
background image
Datasheet Information
6- 8
R ev isio n 1 2
Revision 6
(continued)
Dynamic power values were updated in the following tables. The table subtitles
changed where FPGA I/O banks were involved to note "I/O assigned to EMC I/O pins"
(SAR 30987).
Table 2-10 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software
Settings
Table 2-13 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software
Settings.
2-10
2-11
The "Timing Model" was updated (SAR 30986).
2-19
Values in the timing tables for the following sections were updated. Table subtitles
were updated for FPGA I/O banks to note "I/O assigned to EMC I/O pins" (SAR
30986).
"Overview of I/O Performance" section: Table 2-24, Table 2-25
"Detailed I/O DC Characteristics" section: Table 2-38, Table 2-39, Table 2-40,
Table 2-44, Table 2-45, Table 2-46, Table 2-50, Table 2-51, Table 2-52, Table 2-56,
Table 2-57, Table 2-58, Table 2-61, Table 2-62
"LVDS" section: Table 2-65
"LVPECL" section: Table 2-68
"Global Tree Timing Characteristics" section: Table 2-80, Table 2-81
2-23
2-26
2-40
2-42
2-59
The "PQ208" section and pin tables are new (SAR 31005).
5-34
Global clocks were removed from the A2F060 pin table for the "CS288" and "FG256"
packages, resulting in changed function names for affected pins (SAR 31033).
5-43
Revision 5
(December 2010)
Table 2-2 • Analog Maximum Ratings was revised. The recommended CM[n] pad
voltage (relative to ground) was changed from –11 to –0.3 (SAR 28219).
2-2
Table 2-7 • Temperature and Voltage Derating Factors for Timing Delays was revised
to change the values for 100ºC.
2-9
Power-down and Sleep modes, and all associated notes, were removed from
Table 2-8 • Power Supplies Configuration (SAR 29479). IDC3 and IDC4 were
renamed to IDC1 and IDC2 (SAR 29478). These modes are no longer supported. A
note was added to the table stating that current monitors and temperature monitors
should not be used when Power-down and/or Sleep mode are required by the
application.
2-10
The "Power-Down and Sleep Mode Implementation" section was deleted (SAR
29479).
N/A
Values for PAC9 and PAC10 for LVDS and LVPECL were revised in Table 2-10 •
Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings and
Table 2-12 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software
Settings*.
2-10,
2-11
Values for PAC1 through PAC4, PDC1, and PDC2 were added for A2F500 in
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in
SmartFusion cSoCs and Table 2-15 • Different Components Contributing to the Static
Power Consumption in SmartFusion cSoCs
2-12,
2-13
The equation for "Total Dynamic Power Consumption—PDYN" in "SoC Mode" was
revised to add PMSS. The "Microcontroller Subsystem Dynamic Contribution—PMSS"
section is new (SAR 29462).
2-14,
2-18
Information in Table 2-24 • Summary of I/O Timing Characteristics—Software Default
Settings (applicable to FPGA I/O banks) and Table 2-25 • Summary of I/O Timing
Characteristics—Software Default Settings (applicable to MSS I/O banks) was
updated.
2-25
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com