Electronic Components Datasheet Search
  English  ▼

X  

IO21PDB0V0 Datasheet(PDF) 194 Page - Microsemi Corporation

Part # IO21PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO21PDB0V0 Datasheet(HTML) 194 Page - Microsemi Corporation

Back Button IO21PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 191Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 192Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 193Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 194Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 195Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 196Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 197Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 194 / 197 page
background image
Datasheet Information
6- 12
R e v i sio n 1 2
The A2F060 device was added to product information tables.
N/A
The "Product Ordering Codes" table was updated to removed Std. speed and add
speed grade 1. Pre-production was removed from the application ordering code
category.
VI
The "SmartFusion cSoC Block Diagram" was revised.
IV
The "Datasheet Categories" section was updated, referencing the "SmartFusion
cSoC Block Diagram" table, which is new.
1-4, IV
The "VCCI" parameter was renamed to "VCCxxxxIOBx."
"Advanced I/Os" were renamed to "FPGA I/Os."
Generic pin names that represent multiple pins were standardized with a lower case x
as a placeholder. For example, VAREFx designates VAREF0, VAREF1, and VAREF2.
Modes were renamed as follows:
Operating mode was renamed to SoC mode.
32KHz Active mode was renamed to Standby mode.
Battery mode was renamed to Time Keeping mode.
Table entries have been filled with values as data has become available.
N/A
Table 2-1 • Absolute Maximum Ratings, Table 2-2 • Analog Maximum Ratings, and
Table 2-3 • Recommended Operating Conditions5,6 were revised extensively.
2-1
through
2-3
Device names were updated in Table 2-6 • Package Thermal Resistance.
2-7
Table 2-8 • Power Supplies Configuration was revised extensively.
2-10
Table 2-11 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software
Settings was revised extensively.
2-11
Removed "Example of Power Calculation."
N/A
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in
SmartFusion cSoCs was revised extensively.
2-12
Table 2-15 • Different Components Contributing to the Static Power Consumption in
SmartFusion cSoCs was revised extensively.
2-13
The "Power Calculation Methodology" section was revised.
2-14
Table 2-83 • Electrical Characteristics of the RC Oscillator was revised extensively.
2-61
Table 2-85 • Electrical Characteristics of the Low Power Oscillator was revised
extensively.
2-62
The parameter tRSTBQ was changed to TC2CWRH in Table 2-87 • RAM4K9.
2-69
The 12-bit mode row for integral non-linearity was removed from Table 2-95 • ADC
Specifications. The typical value for 10-bit mode was revised. The table note was
punctuated correctly to make it clear.
2-80
Figure 37-34 • Write Access after Write onto Same Address, Figure 37-34 • Read
Access after Write onto Same Address, and Figure 37-34 • Write Access after Read
onto Same Address were deleted.
N/A
Table 2-99 • Voltage Regulator was revised extensively.
2-86
The "Serial Peripheral Interface (SPI) Characteristics" section and "Inter-Integrated
Circuit (I2C) Characteristics" section are new.
2-88,
2-90
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com