Electronic Components Datasheet Search
  English  ▼

X  

ACPL-227 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-227
Description  DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-227 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-227 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Ordering Information
ACPL-2x7-xxxx is UL recognized at 3,000 Vrms for 1 minute per UL1577 and Canadian Component Acceptance Notice
#5.
Part
number
RoHS Compliant Option
Package
No. Of
Channels
Surface
Mount
Tape &
Reel
IEC/EN/DIN EN
60747-5-2
Quantity
Rank ‘0’
50%
<CTR<
600%
IF=5mA
VCE=5V
Rank ‘0’
100%
<CTR<
600%
IF=5mA
VCE=5V
Rank ‘B’
130%
<CTR<
260%
IF=5mA
VCE=5V
Rank ‘C’
200%
<CTR<
400%
IF=5mA
VCE=5V
ACPL-227
-500E
-50BE
-50CE
SO-8
Dual
X
X
2000 pcs per reel
-560E
-56BE
-56CE
SO-8
Dual
X
X
X
2000 pcs per reel
ACPL-247
-500E
SO-16
Quad
X
X
2000 pcs per reel
-560E
SO-16
Quad
X
X
X
2000 pcs per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-227-56CE to order product of Dual Channel SO-8 Surface Mount package in Tape & Reel with IEC/EN/DIN EN
60747-5-2 Safety Approval, 200%<CTR<400% and RoHS compliant.
Example 2:
ACPL-247-500E to order product of Quad Channel SO-16 Surface Mount package in Tape and Reel packaging with
100%<CTR<600% and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com