Electronic Components Datasheet Search
  English  ▼

X  

AD847 Datasheet(PDF) 3 Page - Analog Devices

Part # AD847
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847 Datasheet(HTML) 3 Page - Analog Devices

  AD847 Datasheet HTML 1Page - Analog Devices AD847 Datasheet HTML 2Page - Analog Devices AD847 Datasheet HTML 3Page - Analog Devices AD847 Datasheet HTML 4Page - Analog Devices AD847 Datasheet HTML 5Page - Analog Devices AD847 Datasheet HTML 6Page - Analog Devices AD847 Datasheet HTML 7Page - Analog Devices AD847 Datasheet HTML 8Page - Analog Devices AD847 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD847
REV. F
–3–
Model
AD847AQ
AD847S
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
±5 V
0.5
1
0.5
1
mV
TMIN to TMAX
44
mV
Offset Drift
15
15
µV/°C
INPUT BIAS CURRENT
±5 V, ±15 V
3.3
5
3.3
5
µA
TMIN to TMAX
7.5
7.5
µA
INPUT OFFSET CURRENT
±5 V, ±15 V
50
300
50
300
nA
TMIN to TMAX
400
400
nA
Offset Current Drift
0.3
0.3
nA/
°C
OPEN-LOOP GAIN
VOUT = ± 2.5 V
±5 V
RLOAD = 500 Ω
2
3.5
2
3.5
V/mV
TMIN to TMAX
11
V/mV
RLOAD = 150 Ω
1.6
1.6
V/mV
VOUT = = ± 10 V
±15 V
RLOAD = 1 kΩ
3
5.5
3
5.5
V/mV
TMIN to TMAX
1.5
1.5
V/mV
DYNAMIC PERFORMANCE
Unity Gain Bandwidth
±5 V
35
35
MHz
±15 V
50
50
MHz
Full Power Bandwidth
2
VOUT = 5 V p-p
RLOAD = 500 Ω,
±5 V
12.7
12.7
MHz
VOUT = 20 V p-p,
RLOAD = 1 kΩ± 15 V
4.7
4.7
MHz
Slew Rate
3
RLOAD = 1 kΩ± 5 V
200
200
V/
µs
±15 V
225
300
225
300
V/
µs
Settling Time
to 0.1%, RLOAD = 250 Ω
–2.5 V to +2.5 V
±5 V
65
65
ns
10 V Step, AV = –1
±15 V
65
65
ns
to 0.01%, RLOAD = 250 Ω
–2.5 V to +2.5 V
±5 V
140
140
ns
10 V Step, AV = –1
±15 V
120
120
ns
Phase Margin
CLOAD = 10 pF
±15 V
RLOAD= 1 kΩ
50
50
Degree
Differential Gain
f
≈ 4.4 MHz, R
LOAD = 1 kΩ± 15 V
0.04
0.04
%
Differential Phase
f
≈ 4.4 MHz, R
LOAD = 1 kΩ± 15 V
0.19
0.19
Degree
COMMON-MODE REJECTION
VCM = ± 2.5 V
±5 V
80
95
80
95
dB
VCM = ± 12 V
±15 V
80
95
80
95
dB
TMIN to TMAX
75
75
dB
POWER SUPPLY REJECTION
VS = ± 5 V to ± 15 V
75
86
75
86
dB
TMIN to TMAX
72
72
dB
INPUT VOLTAGE NOISE
f = 10 kHz
±15 V
15
15
nV/
√Hz
INPUT CURRENT NOISE
f = 10 kHz
±15 V
1.5
1.5
pA/
√Hz
INPUT COMMON-MODE
VOLTAGE RANGE
±5 V
+4.3
+4.3
V
–3.4
–3.4
V
±15 V
+14.3
+14.3
V
–13.4
–13.4
V
OUTPUT VOLTAGE SWING
RLOAD = 500 Ω± 5 V
3.0
3.6
3.0
3.6
±V
RLOAD = 150 Ω± 5 V
2.5
3
2.5
3
±V
RLOAD = 1 kΩ± 15 V
12
12
±V
RLOAD = 500 Ω± 15 V
10
10
±V
Short-Circuit Current
±15 V
32
32
mA
INPUT RESISTANCE
300
300
k
Ω
INPUT CAPACITANCE
1.5
1.5
pF
OUTPUT RESISTANCE
Open Loop
15
15
Ω
POWER SUPPLY
Operating Range
4.5
18
4.5
18
V
Quiescent Current
±5 V
4.8
5.7
4.8
5.7
mA
TMIN to TMAX
7.0
7.8
mA
±15 V
5.3
6.3
5.3
6.3
mA
TMIN to TMAX
7.6
8.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com