Electronic Components Datasheet Search
  English  ▼

X  

AD1861 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1861
Description  16-Bit/18-Bit, 16 3 FS PCM Audio DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1861 Datasheet(HTML) 3 Page - Analog Devices

  AD1861 Datasheet HTML 1Page - Analog Devices AD1861 Datasheet HTML 2Page - Analog Devices AD1861 Datasheet HTML 3Page - Analog Devices AD1861 Datasheet HTML 4Page - Analog Devices AD1861 Datasheet HTML 5Page - Analog Devices AD1861 Datasheet HTML 6Page - Analog Devices AD1861 Datasheet HTML 7Page - Analog Devices AD1861 Datasheet HTML 8Page - Analog Devices AD1861 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
AD1851
Min
Typ
Max
Units
RESOLUTION
16
Bits
TOTAL HARMONIC DISTORTION + NOISE
0 dB, 990.5 Hz
AD1851N-J, R-J
0.003
0.004
%
AD1851N, R
0.004
0.008
%
–20 dB, 990.5 Hz
AD1851N-J, R-J
0.009
0.016
%
AD1851N, R
0.009
0.040
%
–60 dB, 990.5 Hz
AD1851N-J, R-J
0.9
1.6
%
AD1851N, R
0.9
4.0
%
D-RANGE* (With A-Weight Filter)
–60 dB, 990.5 Hz AD1851N, R
88
dB
AD1851N-J, R-J
96
dB
SIGNAL-TO-NOISE RATIO
107
110
dB
MAXIMUM CLOCK INPUT FREQUENCY
12.5
MHz
ACCURACY
Differential Linearity Error
±0.001
% of FSR
MONOTONICITY
14
Bits
POWER SUPPLY
Current
+I
10.0
13.0
mA
–I
–10.0
–15.0
mA
Power Dissipation
100
mW
AD1861
Min
Typ
Max
Units
RESOLUTION
18
Bits
TOTAL HARMONIC DISTORTION + NOISE
0 dB, 990.5 Hz
AD1861N-J, R-J
0.003
0.004
%
AD1861N, R
0.004
0.008
%
–20 dB, 990.5 Hz
AD1861N-J, R-J
0.009
0.016
%
AD1861N, R
0.009
0.040
%
–60 dB, 990.5 Hz
AD1861N-J, R-J
0.9
1.6
%
AD1861N, R
0.9
4.0
%
D-RANGE* (With A-Weight Filter)
–60 dB, 990.5 Hz AD1861N, R
88
dB
AD1861N-J, R-J
96
dB
SIGNAL-TO-NOISE RATIO
107
110
dB
MAXIMUM CLOCK INPUT FREQUENCY
13.5
MHz
ACCURACY
Differential Linearity Error
±0.001
% of FSR
MONOTONICITY
15
Bits
POWER SUPPLY
Current
+I
10.0
13.0
mA
–I
–10.0
–15.0
mA
Power Dissipation
100
mW
*Tested in accordance with EIAJ Test Standard CP-307.
Specifications subject to change without notice.
AD1851/AD1861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com